Electronic Components Datasheet Search
  English  ▼

X  

SA8281 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # SA8281
Description  Three-Phase PWM Waveform Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SA8281 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button SA8281 Datasheet HTML 2Page - Mitel Networks Corporation SA8281 Datasheet HTML 3Page - Mitel Networks Corporation SA8281 Datasheet HTML 4Page - Mitel Networks Corporation SA8281 Datasheet HTML 5Page - Mitel Networks Corporation SA8281 Datasheet HTML 6Page - Mitel Networks Corporation SA8281 Datasheet HTML 7Page - Mitel Networks Corporation SA8281 Datasheet HTML 8Page - Mitel Networks Corporation SA8281 Datasheet HTML 9Page - Mitel Networks Corporation SA8281 Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SA828
6
pdy
fCARR x 512
Counter reset
When the CR bit is active (i.e., Iow) the internal power
frequency phase counter is set to 0 degrees for the red
phase. It will remain at 0 degrees until the CR bit is released
(i.e., high).
Control Register Function
This 24-bit register contains the parameters that would
normally be modified during PWM cycles in order to control
the operation of the motor.
The parameters set in the control register are as follows:
Power frequency (speed)
Allows the power frequency of the PWM outputs to be
adjusted within the range specified in the initialisation register
Forward/reverse
Allows the direction of rotation of the AC motor to be
changed by changing the phase sequence of the PWM
outputs.
Power frequency amplitude
By altering the widths of the PWM output pulses while
maintaining their relative widths, the amplitude of the power
waveform is effectively altered whilst maintaining the same
power frequency.
Overmodulation
Allows the output waveform amplitude to be doubled so
that a quasi-squarewave is produced.
A combination of
overmodulation and a lower power frequency can be used to
achieve rapid braking in AC motors.
Output inhibit
Allows the outputs to be set to the low state while the PWM
generation continues internally. Useful for temporarily
inhibiting the outputs without having to to change other
register contents.
The power frequency range is a function of the carrier
waveform frequency (
fCARR) and a multiplication factor m,
determined by the 3-bit FRS word. The value of
m is determined
as shown in Table 5.
FRS word
Value of m
000
1
001
2
010
4
011
8
100
16
101
32
Table 5 Values of carrier frequency multiplicaion factor m
110
64
The power frequency range,
fRANGE, is then given by:
where
fCARR = carrier frequency and m = 1, 2, 4, 8, 16, 32 or 64
(as set by FRS).
fCARR
384
fRANGE =
x
m
X
X
PDY5 PDY4 PDY3 PDY2 PDY1 PDY0
DON’T
CARE
PULSE
DELAY
SELECT WORD
PDY5 = MSB
PDY0 = LSB
Fig. 7 Temporary register R2
PDY word
Value of pdy
000000
64
...etc...
...etc...
111110
2
Table 6 Values of pdy
111111
1
The pulse delay time,
tpdy, is then given by:
where
pdy = 1- 64 (as set by PDY) and fCARR = carrier
frequency.
Fig 8 shows the eftect of the pulse delay circuit.
It should be noted that as the pulse delay circuit follows the
pulse deletion circuit (see Fig. 2), the minimum pulse width
seen at the PWM outputs will be shorter than the pulse deletion
time set in the initialisation register. The actual shortest pulse
generated is given by
tpd – tpdy.
Pulse delay time
The pulse delay time affects all six PWM outputs by delaying
the rising edges of each of the outputs by an equal amount.
The pulse delay time is a function of the carrier waveform
frequency and
pdy, defined by the 6-bit pulse delay time select
word (PDY). The value of
pdy is selected as shown in Table 6.
Fig. 8 Effect of pulse delay on PWM pulse train
PWM SIGNAL
REQUIRED AT
INVERTER OUTPUT
tpdy
tpdy
tpdy
tpdy
OUTPUT SIGNAL TO
DRIVE TOP SWITCH
INVERTER ARM
OUTPUT SIGNAL TO
DRIVE BOTTOM SWITCH
INVERTER ARM
tpdy = PULSE DELAY TIME
tpdy =
CR
PDT6 PDT5 PDT4 PDT3 PDT2 PDT1 PDT0
COUNTER
RESET
PULSE DELETION
TIME
SELECT WORD
PDT6 = MSB
PDT0 = LSB
Fig. 9 Temporary register R0
Pulse deletion time
To eliminate short pulses the true PWM pulse train is passed
through a pulse deletion circuit. The pulse deletion circuit
compares pulse widths with the pulse deletion time set in the
initialisation register. lf a pulse (either positive or negative) is
greater than or equal in duration to the pulse deletion time, it is
passed through unaltered, otherwise the pulse is deleted.
The pulse deletion time,
tpd , is a function of the carrier wave
frequency and
pdt, defined by the 7-bit pulse deletion time word
(PDT). The value of
pdt is selected as shown in Table 7.
PDT word
Value of pdt
0000000
128
...etc...
...etc...
1111110
2
Table 7 Values of pdt
1111111
1
The pulse deletion time,
tpd, is then given by:
where
pdt = 1-128 (as set by PDT) and fCARR = carrier frequency.
Fig. 10 shows the effect of pulse deletion on a pure PWM
waveform.
tpd =
pdt
fCARR x 512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com