Electronic Components Datasheet Search
  English  ▼

X  

SA8281 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # SA8281
Description  Three-Phase PWM Waveform Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SA8281 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button SA8281 Datasheet HTML 3Page - Mitel Networks Corporation SA8281 Datasheet HTML 4Page - Mitel Networks Corporation SA8281 Datasheet HTML 5Page - Mitel Networks Corporation SA8281 Datasheet HTML 6Page - Mitel Networks Corporation SA8281 Datasheet HTML 7Page - Mitel Networks Corporation SA8281 Datasheet HTML 8Page - Mitel Networks Corporation SA8281 Datasheet HTML 9Page - Mitel Networks Corporation SA8281 Datasheet HTML 10Page - Mitel Networks Corporation SA8281 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
SA828
Fig. 10 The effect of the pulse deletion circuit
PWM SIGNAL
BEFORE
PULSE DELETION
<tpd
>tpd
tpd = PULSE DELETION TIME
<tpd
>tpd
>tpd
>tpd
>tpd
>tpd
>tpd
>tpd
PWM SIGNAL
AFTER
PULSE DELETION
PULSE
DELETED
PULSE
DELETED
where
pfs = decimal value of the 12-bit PFS word and fRANGE =
power frequency range set in the initialisation register.
PFS7 PFS6 PFS5 PFS4 PFS3 PFS2 PFS1 PFS0
POWER
FREQUENCY
SELECT WORD
BITS 0-7
PFS0 = LSB
Fig. 11 Temporary register R0
F/R
OM
INH
X
PFS11 PFS10 PFS9 PFS8
POWER
FREQUENCY
SELECT WORD
BITS 8-11
PFS11 = MSB
DON’T
CARE
OVERMOD-
ULATION
BIT
0 = DISABLED
1 = ACTIVE
OUTPUT
INHIBIT BIT
0 = OUTPUTS DISABLED
1 = OUTPUTS ACTIVE
FORWARD/
REVERSE BIT
0 = FORWARD
1 = REVERSE
Fig. 12 Temporary register R1
Power frequency selection
The power frequency is selected as a proportion of the power
frequency range (defined in the initialisation register) by the 12-
bit power frequency select word, PFS, allowing the power
frequency to be defined in 4096 equal steps. As the PFS word
spans the two temporary registers R0 and R1 it is therefore
essential, when changing the power frequency, that both these
registers are updated before writing to R3.
The power frequency (
fPOWER) is given by:
Control Register Programming
The control register should only be programmed once the
initialisation register contains the basic operating parameters of
the SA828.
As with the initialisation register, control register data is
loaded into the three 8-bit temporary registers R0 - R2. When all
the data has been loaded into these registers it is transferred
into the 24-bit control register by writing to the dummy register
R3. It is recommended that all three temporary registers are
updated before writing to R3 in order to ensure that a conformal
set of data is transferred to the control register for execution.
fRANGE
4096
fPOWER =
x
pfs
OVERMODULATION BIT NOT SET
(100% MODULATION)
OVERMODULATION BIT SET
(200% MODULATION)
V
V
0
0
t
t
Fig. 13 Current waveforms as seen at the motor terminals,
showing the effect of setting the overmodulation bit
Forward/ reverse selection
The phase sequence of the three-phase PWM output
waveforms is controlled by the Forward/Reverse bit F/R. The
actual effect of changing this bit from 0 (forward) to 1 (reverse)
is to reverse the power frequency phase counter from
incrementing the phase angle to decrementing it. The required
output waveforms are all continuous with time during a forward/
reverse change.
In the forward mode the output phase sequence is red-
yellow-blue and in the reverse mode the sequence is blue-
yellow-red.
Output inhibit selection
When active (i.e., Iow) the output inhibit bit INH sets all the
PWM outputs to the off (low) state. No other internal operation
of the device is affected. When the inhibit is released the PWM
outputs continue immediately. Note that as the inhibit is asserted
after the pulse deletion and pulse delay circuits, pulses shorter
than the normal minimum pulse width may be produced initially.
Overmodulation selection
The overmodulation bit OM is, in effect, the ninth bit (MSB)
of the amplitude word. When active (i.e., high) the output
waveform will be controlled in the 100% to 200% range by the
amplitude word.
The percentage amplitude control is now given by:
Overmodulated Amplitude =
APOWER + 100%
where
APOWER = the power amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com