Electronic Components Datasheet Search
  English  ▼

X  

MP1S Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # MP1S
Description  Quadrature Downconverter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button MP1S Datasheet HTML 8Page - Mitel Networks Corporation MP1S Datasheet HTML 9Page - Mitel Networks Corporation MP1S Datasheet HTML 10Page - Mitel Networks Corporation MP1S Datasheet HTML 11Page - Mitel Networks Corporation MP1S Datasheet HTML 12Page - Mitel Networks Corporation MP1S Datasheet HTML 13Page - Mitel Networks Corporation MP1S Datasheet HTML 14Page - Mitel Networks Corporation MP1S Datasheet HTML 15Page - Mitel Networks Corporation MP1S Datasheet HTML 16Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
SL1714
I & Q baseband outputs
The SL1714 offers a greatly improved drive capability over
the SL1710 and as such is much less sensitive to the load
conditions.
It is still important however to carefully balance the loads
presented to the SL1714 to ensure no differential gain or
phase degradation is introduced by the load circuits, which will
also include effects due to track striplines etc.
For demonstration purposes the output is unsuitable for
connection via co-axial cables to standard test equipment,
where such equipment is normally 50
Ω or highly capacitive.
To overcome this problem the outputs of the SL1714 are
therefore buffered through emitter followers which are
optimised to drive 50
Ω loads without appreciable degradation
in the SL1714 performance. These buffer stages are
selectable so enabling the outputs to be loaded directly for
interfacing direct with an ADC via a low capacitive link.
In most applications the SL1714 will normally interface
direct into the ADC converter such as the VP216, which will
present a >1 K
Ω low capacitive load.
The output is optimised for typical drive levels of 760
mVp-p and the onset of clipping is typically > 1.5V p-p.
SL1714 Evaluation Board
This board has been created to show the operation of the
SL1714 I/Q downconverter.
It does not attempt to simulate a real system, since in
practice the 479.5MHz IF oscillator on the SL1714 (and the
60MHz clock on the subsequent ADC) would be controlled via
the baseband IQ demodulator chip such as the VP305 which
follows the dual channel ADC. For simplicity, the VCO is
locked using GPS SP5611 synthesiser, controlled via an I2C
bus.
For full evaluation, 30V and 5V supplies are necessary.
Supplies
The board must be provided with the following supplies:
A) 5V for the SL1714 and SP5611 and 30V for the
varactor line.
The supply connector is a 3 pin 0.1" pitch pin header. The
centre pin of the connector is GND.
Outputs driven into hard clipping can exhibit amplitude
decline. AGC loops should be designed to take account of this.
I2C Bus connections
The board is provided with an RJ11 I2C bus connector
which feeds directly to the SP5611 synthesiser.
This connects to a standard 6-way connector cable which
is supplied with the I2C/3-wire bus interface box.
Input and Output connections
The board is provided with the following connectors:
A) IF I/P SMA connector SK1which is AC coupled to the
RF input of the SL1714.
B) I CH OUT SK2 and Q CH OUT SK3 which provide
either a buffered or direct baseband output signal from
the SL1714 (depending on which way the links LK1
and LK2 are set). The output buffers should be used
when driving 50
Ω test equipment or co-axial lines.
Links and Switches
The board is provided with the following:
VCO DISABLE switch
This disables the VCO of the SL1714. It does NOT power
down the chip.
AGC ADJUST potentiometer
The potentiometer sets the AGC input voltage of the
SL1714 which controls the gain of the chip. TP1 is provided as
a means of monitoring the AGC voltage.
LK1 and LK2
These are links which may be placed either vertically or
horizontally to connect the outputs of the SL1714 either
directly or via buffers to the SMA output connectors of the
board.
If the links are placed vertically 1-2 and 3-4 the outputs are
connected directly.
If the links are placed horizontally 1-3 and 2-4 the ouputs
are connected via buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com