Electronic Components Datasheet Search
  English  ▼

X  

MP1S Datasheet(PDF) 15 Page - Mitel Networks Corporation

Part # MP1S
Description  Quadrature Downconverter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 15 Page - Mitel Networks Corporation

Back Button MP1S Datasheet HTML 11Page - Mitel Networks Corporation MP1S Datasheet HTML 12Page - Mitel Networks Corporation MP1S Datasheet HTML 13Page - Mitel Networks Corporation MP1S Datasheet HTML 14Page - Mitel Networks Corporation MP1S Datasheet HTML 15Page - Mitel Networks Corporation MP1S Datasheet HTML 16Page - Mitel Networks Corporation MP1S Datasheet HTML 17Page - Mitel Networks Corporation MP1S Datasheet HTML 18Page - Mitel Networks Corporation MP1S Datasheet HTML 19Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
SL1714
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated)
Tamb= see note 7, Vee= 0V, Vcc = 4.75 to 5.25 V, Fif = 479.5 MHz, IF bandwidth ± 30 MHz, output amplitude -11dBV
These characteristics are guaranteed by either production test or design. They apply within the specified ambient temperature
and supply voltage unless otherwise stated.
Characteristic
Pin
Min
Typ
Max
Units
Conditions
Supply voltage
6,9,16
4.75
5.25
V
Supply current
6,9,16
109
125
mA
IF input operating
4, 5
350
550
MHz
frequency (1)
IF input impedance
4, 5
75
Ω
Over specified frequency
operating range, see Fig. 6.
Input return loss
4, 5
12
dB
Over specified frequency
operating range, see Fig. 6.
Input noise figure, DSB
4, 5
17
19
dB
Maximum gain setting
Variation in NF with gain
1
dB/dB
setting
VCO operation range
350
550
MHz
Centre frequency and tuning
range determined by
application.
VCO phase noise, SSB
-96
-85
dBc/Hz
Varactor tuned, determined
@ 10kHz offset
by application.
VCO Vcc sensitivity
2E3
ppm/V
Free running
VCO temperature
100
ppm/
°C
Uncompensated
stability
Prescaler output swing
10, 11
1.2
1.5
Vp-p
Prescaler output duty
10, 11
40
50
60
%
cycle
AGC
Gain, Vagc = +2.5V
40
dB
Temp stability of gain
1
±1
dB
For any gain setting 0V to 5V
Gain, Vagc = +0.5V
1
44
dB
See Fig. 4
Gain, Vagc = +V
CC
-0.5V
1
32
dB
See Fig. 4
AGC range
18
dB
I Q gain match
±0.5
±1
dB
See Note 3.
I Q phase match
±1
±2
deg
See Note 4.
I Q phase match
±1.5
±6
deg
See Note 5.
I & Q channel in band ripple
±0.3
±1
dB
see Note 3.
I & Q channel in band ripple
±0.5
±1
dB
See Note 4.
I Q crosstalk
-29
-20
dB
See Note 2 and 4
for derivation of cross
modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com