Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP512 Datasheet(HTML) 2 Page - Texas Instruments

  TMP512 Datasheet HTML 1Page - Texas Instruments TMP512 Datasheet HTML 2Page - Texas Instruments TMP512 Datasheet HTML 3Page - Texas Instruments TMP512 Datasheet HTML 4Page - Texas Instruments TMP512 Datasheet HTML 5Page - Texas Instruments TMP512 Datasheet HTML 6Page - Texas Instruments TMP512 Datasheet HTML 7Page - Texas Instruments TMP512 Datasheet HTML 8Page - Texas Instruments TMP512 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
TMP512
TMP513
SBOS491A
– JUNE 2010 – REVISED MAY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
SO-14
D
TMP512A
TMP512
QFN-16
RSA
TMP512A
SO-16
D
TMP513A
TMP513
QFN-16
RSA
TMP513A
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
TMP512/TMP513 product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
TMP512, TMP513
UNIT
Supply Voltage, V+
26
V
Voltage
GND
– 0.3 to +6
V
Filter C
Current
10
mA
Differential (VIN+) – (VIN–)
(2)
–26 to +26
V
Analog Inputs, VIN+, VIN–
Common-Mode
–0.3 to +26
V
Open-Drain Digital Outputs
GND
– 0.3 to +6
V
GPIO, DXP, DXN
GND
– 0.3 to V+ + 0.3
V
Input Current Into Any Pin
5
mA
Open-Drain Digital Output Current
10
mA
Storage Temperature
–65 to +150
°C
Junction Temperature
+150
°C
Human Body Model (HBM)
2000
V
ESD Ratings
Charged-Device Model (CDM)
1000
V
Machine Model (MM)
150
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
VIN+ and VIN– may have a differential voltage of –26V to +26V; however, the voltage at these pins must not exceed the range –0.3V to
+26V.
2
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com