Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP512 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 17Page - Texas Instruments TMP512 Datasheet HTML 18Page - Texas Instruments TMP512 Datasheet HTML 19Page - Texas Instruments TMP512 Datasheet HTML 20Page - Texas Instruments TMP512 Datasheet HTML 21Page - Texas Instruments TMP512 Datasheet HTML 22Page - Texas Instruments TMP512 Datasheet HTML 23Page - Texas Instruments TMP512 Datasheet HTML 24Page - Texas Instruments TMP512 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
T
ERR =
1.004
1.008
1.008
-
(
´
°
273.15+100 C
)
T
=1.48 C
ERR
°
T
ERR =
n
1.008
1.008
-
(
´
°
273.15+T( C)
TMP512
TMP513
www.ti.com
SBOS491A
– JUNE 2010 – REVISED MAY 2011
between 100pF and 1nF. Some applications attain
Where:
better
overall
accuracy
with
additional
series
n = ideality factor of remote temperature sensor.
resistance; however, this increased accuracy is
T(
°C) = actual temperature.
application-specific. When series resistance is added,
TERR = error in TMP512/13 because n ≠ 1.008.
the total value should not be greater than 3k
Ω. If
Degree delta is the same for
°C and K.
filtering is needed, suggested component values are
100pF and 50
Ω on each input; exact values are
For n = 1.004 and T(
°C) = 100°C:
application-specific.
GENERAL CALL RESET
The TMP512/13 support reset via the two-wire
General
Call
address
00h
(0000
0000b).
The
(5)
TMP512/13 acknowledge the General Call address
If a discrete transistor is used as the remote
and respond to the second byte. If the second byte is
temperature sensor with the TMP512/13, the best
06h
(0000
0110b),
the
TMP512/13
execute
a
accuracy can be achieved by selecting the transistor
software reset state to all TMP512/13 registers, and
according to the following criteria:
abort any conversion in progress. The TMP512/13
1. Base-emitter voltage
> 0.25V at 6μA, at the
take no action in response to other values in the
highest sensed temperature.
second byte.
2. Base-emitter voltage
< 0.95V at 120μA, at the
REMOTE SENSING
lowest sensed temperature.
3. Base resistance
< 100Ω.
The TMP512/13 are designed to be used with either
discrete transistors or substrate transistors built into
4. Tight control of VBE characteristics indicated by
processor chips and ASICs. Either NPN or PNP
small variations in hFE (that is, 50 to 150).
transistors can be used, as long as the base-emitter
Based
on
these
criteria,
two
recommended
junction is used as the remote temperature sense.
small-signal transistors are the 2N3904 (NPN) or
NPN transistors must be diode-connected. PNP
2N3906 (PNP).
transistors
can
either
be
transistor-
or
diode-connected, as Figure 19 and Figure 21 show.
BASIC ADC FUNCTIONS
Errors in remote temperature sensor readings are
The two analog inputs to the TMP512/13, VIN+ and
typically the consequence of the ideality factor and
VIN–, connect to a shunt resistor in the bus of interest.
current excitation used by the TMP512/13 versus the
The
TMP512/13
are
powered
by
an
internal
manufacturer-specified operating current for a given
subregulator, which has a typical output of 3.3V. The
transistor. Some manufacturers specify a high-level
bus being sensed can vary from 0V to 26V. There are
and low-level current for the temperature-sensing
no
special
considerations
for
power-supply
substrate transistors. The TMP512/13 use 6
μA for
sequencing (for example, a bus voltage can be
ILOW and 120μA for IHIGH.
present with the supply voltage off, and vice-versa).
The ideality factor (n) is a measured characteristic of
The TMP512/13 sense the small drop across the
a remote temperature sensor diode as compared to
shunt for shunt voltage, and sense the voltage with
an ideal diode. The TMP512/13 allow for different
respect to ground from VIN– for the bus voltage. See
n-factor values; see the n-Factor Correction Register
Figure 29 for an illustration of this operation.
section.
When the TMP512/13 are in the normal operating
The ideality factor for the TMP512/13 is trimmed to
mode (that is, MODE bits of Configuration Register 1
be 1.008. For transistors that have an ideality factor
are set to '111'), the devices continuously convert the
that does not match the TMP512/13, Equation 4 can
shunt voltage up to the number set in the shunt
be used to calculate the temperature error. Note that
voltage averaging function (Configuration Register 1,
for
the
equation
to
be
used
correctly,
actual
SADC bits). The devices then convert the bus voltage
temperature (
°C) must be converted to kelvins (K).
up to the number set in the bus voltage averaging
(Configuration Register 1, BADC bits). The Mode
control in Configuration Register 1 also permits
(4)
selecting modes to convert only voltage or current,
either continuously or in response to a two-wire
space
command.
Copyright
© 2010–2011, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com