Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP512 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 37Page - Texas Instruments TMP512 Datasheet HTML 38Page - Texas Instruments TMP512 Datasheet HTML 39Page - Texas Instruments TMP512 Datasheet HTML 40Page - Texas Instruments TMP512 Datasheet HTML 41Page - Texas Instruments TMP512 Datasheet HTML 42Page - Texas Instruments TMP512 Datasheet HTML 43Page - Texas Instruments TMP512 Datasheet HTML 44Page - Texas Instruments TMP512 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
TMP512
TMP513
www.ti.com
SBOS491A
– JUNE 2010 – REVISED MAY 2011
Shunt Voltage Register 04h (Read-Only)
The Shunt Voltage Register stores the current shunt voltage reading, VSHUNT. Shunt Voltage Register bits are
shifted according to the PGA setting selected in Configuration Register 1 (00h). When multiple sign bits are
present, they will all be the same value. Negative numbers are represented in twos complement format.
Generate the twos complement of a negative number by complementing the absolute value binary number and
adding 1. Extend the sign, denoting a negative number by setting the MSB = '1'. Extend the sign to any
additional sign bits to form the 16-bit word.
Example: For a value of VSHUNT = –320mV:
1. Take the absolute value (include accuracy to 0.01mV)==
> 320.00
2. Translate this number to a whole decimal number ==
> 32000
3. Convert it to binary==
> 111 1101 0000 0000
4. Complement the binary result : 000 0010 1111 1111
5. Add 1 to the Complement to create the twos complement formatted result ==
> 000 0011 0000 0000
6. Extend the sign and create the 16-bit word: 1000 0011 0000 0000 = 8300h (Remember to extend the sign to
all sign-bits, as necessary based on the PGA setting.)
At PGA =
÷8, full-scale range = ±320mV (decimal = 32000, positive value hex = 7D00, negative value hex =
8300), and LSB = 10
μV.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
SIGN
SD14_8
SD13_8
SD12_8
SD11_8
SD10_8
SD9_8
SD8_8
SD7_8
SD6_8
SD5_8
SD4_8
SD3_8
SD2_8
SD1_8
SD0_8
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
At PGA =
÷4, full-scale range = ±160mV (decimal = 16000, positive value hex = 3E80, negative value hex =
C180), and LSB = 10
μV.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
SIGN
SIGN
SD13_4
SD12_4
SD11_4
SD10_4
SD9_4
SD8_4
SD7_4
SD6_4
SD5_4
SD4_4
SD3_4
SD2_4
SD1_4
SD0_4
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
At PGA =
÷2, full-scale range = ±80mV (decimal = 8000, positive value hex = 1F40, negative value hex = E0C0),
and LSB = 10
μV.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
SIGN
SIGN
SIGN
SD12_2
SD11_2
SD10_2
SD9_2
SD8_2
SD7_2
SD6_2
SD5_2
SD4_2
SD3_2
SD2_2
SD1_2
SD0_2
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
At PGA =
÷1, full-scale range = ±40mV (decimal = 4000, positive value hex = 0FA0, negative value hex = F060),
and LSB = 10
μV.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
SIGN
SIGN
SIGN
SIGN
SD11_1
SD10_1
SD9_1
SD8_1
SD7_1
SD6_1
SD5_1
SD4_1
SD3_1
SD2_1
SD1_1
SD0_1
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
Copyright
© 2010–2011, Texas Instruments Incorporated
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com