Electronic Components Datasheet Search
  English  ▼

X  

SP5512 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SP5512
Description  1.3GHz Bidirectional I2C BUS Controlled Synthesiser
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5512 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SP5512 Datasheet HTML 1Page - Mitel Networks Corporation SP5512 Datasheet HTML 2Page - Mitel Networks Corporation SP5512 Datasheet HTML 3Page - Mitel Networks Corporation SP5512 Datasheet HTML 4Page - Mitel Networks Corporation SP5512 Datasheet HTML 5Page - Mitel Networks Corporation SP5512 Datasheet HTML 6Page - Mitel Networks Corporation SP5512 Datasheet HTML 7Page - Mitel Networks Corporation SP5512 Datasheet HTML 8Page - Mitel Networks Corporation SP5512 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
The SP5512 is a single-chip frequency synthesiser designed
for TV tuning systems. Control data is entered in the standard
I2C BUS format. The device has six controllable open-collector
output ports (P2-P7), each capable of sinking 20mA. In addition,
P6 is a 3-bit 5-level ADC input. The information on these ports
can be read via the I2C BUS.
The device has one fixed I2C BUS address and three
programmable addresses, allowing two or more synthesisers
to be used in a system.
FEATURES
s Complete 1·3GHz Single Chip System
s Programmable via the I2C BUS
s Low Power Consumption (215mW Typ.)
s Low Radiation
s Phase Lock Detector
s Varactor Drive Amp Disable
s 6 Controllable Outputs, 5 Bi-directional
s 5-Level ADC
s Variable I2C BUS Address for Picture in Picture TV
s ESD Protection *
* Normal ESD handling precautions should be observed.
Fig. 1 Pin connections – top view
APPLICATIONS
s Cable Tuning Systems
s VCRs
ORDERING INFORMATION
SP5512S KG MPAS (16-lead miniature plastic package)
SP5512
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
Supersedes version in April 1994 Consumer IC Handbook, HB3120 - 2.0
DS2384 - 4.0 January 1997


Similar Part No. - SP5512

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5510NADP MITEL-SP5510NADP Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5510SNAMP MITEL-SP5510SNAMP Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
Bidirectional I2C Bus 4-Address Synthesiser
SP5511NADP ZARLINK-SP5511NADP Datasheet
182Kb / 12P
Bidirectional I2C Bus 4-Address Synthesiser
More results

Similar Description - SP5512

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5055 MITEL-SP5055 Datasheet
197Kb / 9P
2.6GHz Bidirectional I2C BUS Controlled Synthesiser
SP5502 MITEL-SP5502 Datasheet
250Kb / 8P
1.3GHz I2C BUS 4-Address Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5655 MITEL-SP5655 Datasheet
220Kb / 12P
2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
Bidirectional I2C Bus 4-Address Synthesiser
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
Bidirectional I2C Bus Controlled Synthesiser
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com