Electronic Components Datasheet Search
  English  ▼

X  

SP5512 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP5512
Description  1.3GHz Bidirectional I2C BUS Controlled Synthesiser
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5512 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP5512 Datasheet HTML 1Page - Mitel Networks Corporation SP5512 Datasheet HTML 2Page - Mitel Networks Corporation SP5512 Datasheet HTML 3Page - Mitel Networks Corporation SP5512 Datasheet HTML 4Page - Mitel Networks Corporation SP5512 Datasheet HTML 5Page - Mitel Networks Corporation SP5512 Datasheet HTML 6Page - Mitel Networks Corporation SP5512 Datasheet HTML 7Page - Mitel Networks Corporation SP5512 Datasheet HTML 8Page - Mitel Networks Corporation SP5512 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
SP5512
ABSOLUTE MAXIMUM RATINGS
All voltages are referred to VEE and pin 3 at 0V.
Supply voltage
RF input voltage
Port voltage
Total port output current
RF input DC offset
Charge pump DC offset
Drive output DC offset
Crystal oscillator DC offset
SDA, SCL input voltage
Storage temperature
Junction temperature
MP16 thermal resistance, chip-to-ambient
MP16 thermal resistance, chip-to-case
Power consumption at 5·5V
Conditions
Parameter
12
13,14
6-11
6-11
6-11
13-14
1
16
2
4,5
Pin
Max.
Min.
Units
Value
0·3
0·3
0·3
0·3
0·3
0·3
0·3
0·3
0·3
55
V
V p-p
V
V
mA
V
V
V
V
V
V
°C
°C
°C/W
°C/W
mW
Port in off state
Port in on state
With VCC applied
VCC not applied
7
2·5
14
6
50
VCC 0·3
VCC 0·3
VCC 0·3
VCC 0·3
VCC 0·3
5·5
150
150
111
41
321
Fig. 2 Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com