Electronic Components Datasheet Search
  English  ▼

X  

SP5512 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # SP5512
Description  1.3GHz Bidirectional I2C BUS Controlled Synthesiser
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5512 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  SP5512 Datasheet HTML 1Page - Mitel Networks Corporation SP5512 Datasheet HTML 2Page - Mitel Networks Corporation SP5512 Datasheet HTML 3Page - Mitel Networks Corporation SP5512 Datasheet HTML 4Page - Mitel Networks Corporation SP5512 Datasheet HTML 5Page - Mitel Networks Corporation SP5512 Datasheet HTML 6Page - Mitel Networks Corporation SP5512 Datasheet HTML 7Page - Mitel Networks Corporation SP5512 Datasheet HTML 8Page - Mitel Networks Corporation SP5512 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
SP5512
Table 1 Write data format (MSB transmitted first)
Table 2 Read data format
Table 4 Address selection
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Address
Programmable divider
Programmable divider
Charge pump and test bits
I/O port control bits
1
214
26
CP
P6
0
213
25
T1
P5
0
212
24
T0
P4
0
211
23
1
P3
MA0
29
21
1
X
MA1
210
22
1
P2
A
A
A
A
A
MSB
1
0
27
1
P7
LSB
0
28
20
OS
X
Byte 1
Byte 2
Address
Status byte
1
FL
0
I2
0
I1
0
I0
MA0
A1
MA1
A2
A
A
1
POR
1
A0
MA0
0
1
0
1
MA1
0
0
1
1
Voltage input to P3
0V to 0·2VCC
Always valid
0·3VCC to 0·7VCC
0·8VCC to 13·2V
Voltage input to P6
0·6VCC to 13·2V
0·45VCC to 0·6VCC
0·3VCC to 0·45VCC
0·15VCC to 0·3VCC
0V to 0·15VCC
A1
0
1
1
0
0
A2
1
0
0
0
0
A0
0
1
0
1
0
Table 3 ADC levels
A
: Acknowledge bit
MA1, MA0
: Variable address bits (see Table 4)
CP
: Charge Pump current select
T1
: Test mode selection
T0
: Charge pump disable
OS
: Varactor drive Output disable Switch
P7, P6, P5, P4,
: Control output port states
P3, P2
POR
: Power On Reset indicator
FL
: Phase lock detect flag
I2, I1, I0
: Digital information from ports P7, P5 and P4 respectively
A2, A1, A0
: 5-level ADC data from P6 (see Table 3)
X
: Don't care
Fig. 3 Data formats



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com