Electronic Components Datasheet Search
  English  ▼

X  

SP5611 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # SP5611
Description  1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5611 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button SP5611 Datasheet HTML 4Page - Mitel Networks Corporation SP5611 Datasheet HTML 5Page - Mitel Networks Corporation SP5611 Datasheet HTML 6Page - Mitel Networks Corporation SP5611 Datasheet HTML 7Page - Mitel Networks Corporation SP5611 Datasheet HTML 8Page - Mitel Networks Corporation SP5611 Datasheet HTML 9Page - Mitel Networks Corporation SP5611 Datasheet HTML 10Page - Mitel Networks Corporation SP5611 Datasheet HTML 11Page - Mitel Networks Corporation SP5611 Datasheet HTML 12Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
SP5611
1·25GHz
S11:ZO = 50
Ω
NORMALISED TO 50
Ω
FREQUENCY MARKER STEP = 250MHz
j 2
j 1
j 0.5
j 0.2
0
2
j 0.2
2
j 0.5
2
j 1
2
j 2
1
0.5
0.2
j 5
2
j 5
2
5
Fig. 7 Typical input impedance,
APPLICATION NOTES
An application note, AN168, is available for designing with
synthesisers such as the SP5611. It covers aspects such as loop
filter design, decoupling and I2C bus radiation problems.
The application note is published in the Mitel Semiconductor
Media IC Handbook. A generic test/demonstration board has
been produced, which can be used for the SP5611. A circuit
diagram and layout for the board are shown in Figs. 8 and 9.
The board can be used for the following purposes:
(A) Measuring RF sensitivity perfomance
(B) Indicating port function
(C) Synthesising a voltage controlled oscillator
(D)Testing external reference sources
The programming codes relevant to these tests are given in
Table 6.
Fig. 8 Test board circuit
SP5611
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
5V
D3
D6
D2
D1
D4
D5
1
5V
1
12V
C10 1n
R13 12k
C4 1n
R14 22k
P4
67
8
910
11
1
12V
C11
1n
PIN NO.
C5 1n
C3 47n
R7 22k
C2
220n
TR1
2N3904
R9 10k
R10 47k
C14 10n
P3
VAR
GND
TR2
2N3906
C7
100n
C8
100n
C9
100n
1
5V
1
30V
1
12V
P2
R8 22k
C12 100p
C13 100p
P1
DATA/SDA
CLOCK/SCL
ENABLE/ADDRESS SEL
C1
18p
X1
4MHz
EXTERNAL
REFERENCE
SK2
C6 10n
(NOT FITTED,
SEE NOTE)
TP1
S2
S1
R11 3k
R12 1k
SK1
RFINPUT
NOTE
To use an external reference,
capacitor C6 must be fitted
and capacitor C1 removed
from the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com