Electronic Components Datasheet Search
  English  ▼

X  

SP5611 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # SP5611
Description  1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5611 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  SP5611 Datasheet HTML 1Page - Mitel Networks Corporation SP5611 Datasheet HTML 2Page - Mitel Networks Corporation SP5611 Datasheet HTML 3Page - Mitel Networks Corporation SP5611 Datasheet HTML 4Page - Mitel Networks Corporation SP5611 Datasheet HTML 5Page - Mitel Networks Corporation SP5611 Datasheet HTML 6Page - Mitel Networks Corporation SP5611 Datasheet HTML 7Page - Mitel Networks Corporation SP5611 Datasheet HTML 8Page - Mitel Networks Corporation SP5611 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
SP5611
Table 1 Write data format (MSB transmitted first)
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Address
Programmable divider
Programmable divider
Charge pump and test bits
I/O port control bits
1
214
26
CP
P6
0
213
25
T1
P5
0
212
24
T0
P4
0
211
23
TS2
X
MA0
29
21
TS0
X
MA1
210
22
TS1
X
A
A
A
A
A
MSB
1
0
27
1
P7
LSB
0
28
20
OS
X
Fig. 3 Data formats
A
: Acknowledge bit
MA1, MA0
: Variable address bits (see Table 4)
CP
: Charge Pump current select
T1
: Test mode selection
T0
: Charge pump disable
TS2, TS1, TS0
: Operation mode control bits (see Table 5)
OS
: Varactor drive Output disable Switch
P7, P6, P5, P4,
: Control output port states
POR
: Power On Reset indicator
FL
: Phase lock detect flag
I2, I1, I0
: Digital information from ports P7, P5 and P4 respectively
A2, A1, A0
: 5-level ADC data from P6 (see Table 3)
X
: Don’t care
Table 2 Read data format
1
POR
1
A0
Byte 1
Byte 2
Address
Status byte
1
FL
0
I2
0
I1
0
I0
MA0
A1
MA1
A2
A
A
Address select input voltage
0V to 0·1VCC
Open circuit
0·4VCC to 0·6VCC
0·9VCC to VCC
Table 3 ADC levels
MA0
0
1
0
1
MA1
0
0
1
1
Table 4 Address selection
Voltage input to P6
0·6VCC to 13·2V
0·45VCC to 0·6VCC
0·3VCC to 0·45VCC
0·15VCC to 0·3VCC
0V to 0·15VCC
A1
0
1
1
0
0
A2
1
0
0
0
0
A0
0
1
0
1
0
T1
0
0
1
1
1
1
1
TS2
X
X
0
0
1
1
1
TS1
X
X
0
1
0
0
1
TS0
0
1
X
X
0
1
X
Operation mode description
Normal operation, test modes disabled, reference divider ratio = 1024
Normal operation, test modes disabled, reference divider ratio = 512
Charge pump source (down). Status bit FL set to 0
Charge pump sink (up). Status bit FL set to 1
Ports P4, P5, P6, P7set to state X
Port P7 = FPD/2; P4, P5, P6 set to state X
Port P7 = FPD; P6 = FCOMP; P4, P5 set to state X
Table 5 Operation modes
NOTES
X = don’t care
For further details of test modes, see Table 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com