Electronic Components Datasheet Search
  English  ▼

X  

SP5611 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SP5611
Description  1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5611 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SP5611 Datasheet HTML 1Page - Mitel Networks Corporation SP5611 Datasheet HTML 2Page - Mitel Networks Corporation SP5611 Datasheet HTML 3Page - Mitel Networks Corporation SP5611 Datasheet HTML 4Page - Mitel Networks Corporation SP5611 Datasheet HTML 5Page - Mitel Networks Corporation SP5611 Datasheet HTML 6Page - Mitel Networks Corporation SP5611 Datasheet HTML 7Page - Mitel Networks Corporation SP5611 Datasheet HTML 8Page - Mitel Networks Corporation SP5611 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The SP5611 is a single chip frequency synthesiser de-
signed for TV tuning systems. Control data is entered in the
standard I2C BUS format. The device contains 4 addressable
bidirectional open collector ports, one of which is a 3-bit ADC.
The information on these ports can be read via the I2C BUS.
the device has 4 programmable addresses, programmed by
applying a specific input voltage to the P3 address select
input. This enables two or more synthesisers to be used in a
system.
FEATURES
s Complete 1·3GHz Single Chip System
s High Sensitivity RF Inputs
s Programmable via I2C BUS
s Low Power Consumption (5V, 20mA)
s Low Radiation
s Phase Lock Detector
s Varactor Drive Amp Disable
s 4 Bi-directional Controllable Outputs
s 5-Level ADC
s Variable I2C BUS Address for Multi-tuner Applications
s ESD Protection: 4kV, Mil-Std-883C, Method 3015 (1)
s Switchable 4512/1024 Reference Divider
s Pin and Function Compatible with SP5511S (2)
(1) Normal ESD handling precautions should be observed.
(2) The SP5511S does not have a switchable reference
division ratio.
SP5611
1·3GHz Bidirectional I2C Bus Controlled Synthesiser
Advance Information
Supersedes February 1997 version, DS3758-4.1
DS3758 - 5.0 June 1998
SP5611
1
2
3
4
5
6
7
8
MP16
16
15
14
13
12
11
10
9
CHARGE PUMP
CRYSTAL Q1
CRYSTAL Q2
SDA
SCL
† I/O PORT P7
* I/O PORT P6
† I/O PORT P5
DRIVE OUTPUT
VEE
RF INPUT
RF INPUT
VCC
NC
P3 ADD SELECT PORT
I/O PORT P4
†
† = Logic level I/O port
* = 3-bit ADC input
Fig. 1 Pin connections – top view
APPLICATIONS
s Satellite TV
s Cable Tuning Systems
s VCRs
THERMAL DATA
uJC = 41°C/W
uJA = 111°C/W
ORDERING INFORMATION
SP5611 KG/MPAS (Tubes)
SP5611S KG/MPAD (Tape and reel)


Similar Part No. - SP5611

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
SP5610SKG ZARLINK-SP5610SKG Datasheet
593Kb / 15P
1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
SP5610SMPAD ZARLINK-SP5610SMPAD Datasheet
593Kb / 15P
1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
SP5610SMPAS ZARLINK-SP5610SMPAS Datasheet
593Kb / 15P
1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
logo
Cornell Dubilier Electr...
SP561K CDE-SP561K Datasheet
201Kb / 2P
Ceramic Capacitors
More results

Similar Description - SP5611

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5055 MITEL-SP5055 Datasheet
197Kb / 9P
2.6GHz Bidirectional I2C BUS Controlled Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5655 MITEL-SP5655 Datasheet
220Kb / 12P
2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
2.7GHz I2C Bus Controlled Synthesiser
SP8853A MITEL-SP8853A Datasheet
210Kb / 14P
1쨌3GHz Professional Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
Bidirectional I2C Bus 4-Address Synthesiser
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
Bidirectional I2C Bus Controlled Synthesiser
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com