Electronic Components Datasheet Search
  English  ▼

X  

SP5848 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SP5848
Description  2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5848 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SP5848 Datasheet HTML 1Page - Mitel Networks Corporation SP5848 Datasheet HTML 2Page - Mitel Networks Corporation SP5848 Datasheet HTML 3Page - Mitel Networks Corporation SP5848 Datasheet HTML 4Page - Mitel Networks Corporation SP5848 Datasheet HTML 5Page - Mitel Networks Corporation SP5848 Datasheet HTML 6Page - Mitel Networks Corporation SP5848 Datasheet HTML 7Page - Mitel Networks Corporation SP5848 Datasheet HTML 8Page - Mitel Networks Corporation SP5848 Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Preliminary Information
SP5848
SP5848
2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
Preliminary Information
Features
G Dual independent PLL frequency synthesisers in a
single package, optimised for double conversion
cable tuners, offering improved application
G 2.2GHz up-synthesiser optimised for low phase
noise up to comparison frequencies of 4MHz
Ordering Information
SP5848/KG/QP1S
SP5848/KG/QP1T
Applications
G TV, VCR, and cable tuning systems
The SP5848 is a dual PLL frequency synthesizer
controlled by a 3-wire bus optimised for application in
double conversion tuners.
Each synthesiser loop within the SP5848 is
independently addressable and contains an RF
programmable divider, phase/frequency detector and
charge pump/loop amplifier section; a common
reference frequency oscillator and divider chain is
provided, whose ratios for each loop are independently
programmable.
Both synthesisers are optimised for low phase noise
performance and in addition synthesiser 2 is capable of
operation with a low comparison frequency.
G 1.3GHz down-synthesiser optimised for low phase
noise AND small step size
G Common reference oscillator and divider with
independently selectable ratios for each
synthesiser
G 10:1 programmable charge pump current ratio in up
synthesiser
G 3-Wire bus programmable, each synthesiser
indepently addressable
G Low power consumption, typ 100mW at 5V
G ESD protection, (Normal ESD handling procedures
should be observed)
DS5076
Issue 1.6
October 1999
Description
RF1 INPUT
16/17
4 BIT
COUNT
11 BIT
COUNT
15 BIT LATCH
2 BIT
LATCH
PORT P0
PUMP 1
DRIVE 1
16 BIT LATCH
DATA
CLOCK
ENABLE
2
DATA
INTERFACE
RF 2 INPUT
16/17
4 BIT
COUNT
12 BIT
COUNT
1 BIT
LATCH
2 BIT
LATCH
5 BIT
LATCH
9
DIVIDE
PORT P1
PUMP 2
DRIVE 2
Figure 1 Block Diagram


Similar Part No. - SP5848

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5848 ZARLINK-SP5848 Datasheet
500Kb / 10P
2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
SP5848/KG/QP1S ZARLINK-SP5848/KG/QP1S Datasheet
500Kb / 10P
2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
SP5848/KG/QP1T ZARLINK-SP5848/KG/QP1T Datasheet
500Kb / 10P
2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
More results

Similar Description - SP5848

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD7614F TOSHIBA-TD7614F Datasheet
520Kb / 16P
3-WIRE BUS, 1.3GHz-FREQUENCY SYNTHESIZER IC
logo
Mitel Networks Corporat...
SP5730 MITEL-SP5730 Datasheet
372Kb / 14P
1.3GHz Low Phase Noise Frequency Synthesiser
SP5748 MITEL-SP5748 Datasheet
295Kb / 15P
2.4GHz Very Low Phase Noise PLL
logo
Samsung semiconductor
S1T8825B SAMSUNG-S1T8825B Datasheet
275Kb / 16P
1.3GHZ DUAL PLL
logo
Peregrine Semiconductor...
PE3239 PEREGRINE-PE3239 Datasheet
214Kb / 12P
2.2 GHz Integer-N PLL for Low Phase Noise Applications
logo
PhaseLink Corporation
PLL601-02 PLL-PLL601-02 Datasheet
200Kb / 4P
Low Phase Noise PLL Clock Multiplier
logo
Peregrine Semiconductor...
PE3240 PEREGRINE-PE3240 Datasheet
235Kb / 12P
2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Zarlink Semiconductor I...
SP5848 ZARLINK-SP5848 Datasheet
500Kb / 10P
2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
logo
Integrated Device Techn...
ICS670-04 IDT-ICS670-04 Datasheet
198Kb / 7P
Patented PLL with low phase noise
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
Low Phase Noise PLL Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com