Electronic Components Datasheet Search
  English  ▼

X  

SP5848 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP5848
Description  2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5848 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP5848 Datasheet HTML 1Page - Mitel Networks Corporation SP5848 Datasheet HTML 2Page - Mitel Networks Corporation SP5848 Datasheet HTML 3Page - Mitel Networks Corporation SP5848 Datasheet HTML 4Page - Mitel Networks Corporation SP5848 Datasheet HTML 5Page - Mitel Networks Corporation SP5848 Datasheet HTML 6Page - Mitel Networks Corporation SP5848 Datasheet HTML 7Page - Mitel Networks Corporation SP5848 Datasheet HTML 8Page - Mitel Networks Corporation SP5848 Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Preliminary Information
SP5848
Electrical Characteristics (continued)
Tamb= -40
o
C to +80
o
C, Vcc = 4.5 to 5.5 V, These characteristics are guaranteed by either production test or design.
They apply within the specified ambient temperature and supply voltage unless otherwise stated.
Characteristic
Pin
Value
Units
Conditions
Min
Typ
Max
Synthesiser 2 (DOWN)
RF2 input voltage
5,6
30
300
mV
rms
80 -1300MHz
RF2 input impedance
5,6
See Figure 5
RF2 division ratio
240
65535
Reference division 2
See Table 2
ratio
Comparison frequency 2
16.25
4000
KHz
Phase noise degrades above
250KHz
Equivalent phase noise
-144
dBc/Hz
SSB, within loop bandwidth, all
at phase detector 2
comparison frequencie up to
250KHz
Charge pump 2 output
2
See Table 4
current
Vpin 2=2V
Charge pump 2 output
2
±3
±10
nA
Vpin2 = 2V
leakage
Charge pump 2 drive
3
0.5
mA
Vpin 3 = 0.7V
output curent
Data, clock and enable
12,11,13
Input high voltage
3
Vcc
V
Input low voltage
0
0.7
V
Input current
-10
10
µA
All input conditions
hysterysis
0.8
Vpp
Clock rate
11
500
KHz
Bus timing -
Data set up
300
ns
Data hold
600
ns
Enable setup
300
ns
Enable hold
600
ns
Clock to enable
300
ns
Reference Oscillator
Crystal frequency
8, 9
2
16
MHz
See Figure 6 for application
External reference input
8
2
20
MHz
Sinewave coupled through
frequency
10nF blocking capacitor
External reference drive
8
0.2
0.5
Vpp
Sinewave coupled through 10nF
blocking capacitor
Outputs ports P0 - P1
1, 20
See note 1
sink current
2
mA
Vport = 0.7V
leakage current
10
µA
Vport = Vcc
Note 1 Output ports high impedance on power up, with data, clock and enable at logic 0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com