Electronic Components Datasheet Search
  English  ▼

X  

OPA2180 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2180
Description   Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2180 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA2180 Datasheet HTML 12Page - Texas Instruments OPA2180 Datasheet HTML 13Page - Texas Instruments OPA2180 Datasheet HTML 14Page - Texas Instruments OPA2180 Datasheet HTML 15Page - Texas Instruments OPA2180 Datasheet HTML 16Page - Texas Instruments OPA2180 Datasheet HTML 17Page - Texas Instruments OPA2180 Datasheet HTML 18Page - Texas Instruments OPA2180 Datasheet HTML 19Page - Texas Instruments OPA2180 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
OPA180, OPA2180, OPA4180
SBOS584D – NOVEMBER 2011 – REVISED MAY 2014
www.ti.com
Feature Description (continued)
When the operational amplifier connects into a circuit, the ESD protection components are intended to remain
inactive and not become involved in the application circuit operation. However, circumstances may arise where
an applied voltage exceeds the operating voltage range of a given pin. Should this condition occur, there is a risk
that some of the internal ESD protection circuits may be biased on, and conduct current. Any such current flow
occurs through ESD cells and rarely involves the absorption device.
If there is an uncertainty about the ability of the supply to absorb this current, external zener diodes may be
added to the supply pins. The zener voltage must be selected such that the diode does not turn on during normal
operation.
However, its zener voltage should be low enough so that the zener diode conducts if the supply pin begins to
rise above the safe operating supply voltage level.
8.4 Device Functional Modes
The OPA180, OPA2180, and OPA4180 are powered on when the supply is connected. These devices can be
operated as a single-supply operational amplifier or dual-supply amplifier depending on the application. In single-
supply operation with V– at ground (0 V), V+ can be any value between 4 V and 36 V. In dual-supply operation
the supply voltage difference between V– and V+ is from 4 V to 36 V. Typical examples of dual-supply
configuration are ±5 V, ±10 V, ±15 V, and ±18 V. However the supplies must not be symmetrical. Less common
examples are V– at –3V and V+ at 9 V or V– at –16 V and V+ at 5 V. Any combination where the difference
between V– and V+ is at least 4 V and no greater than 36 V is within the normal operating capabilities of these
devices.
16
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: OPA180 OPA2180 OPA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com