Electronic Components Datasheet Search
  English  ▼

X  

OPA2180 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2180
Description   Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2180 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA2180 Datasheet HTML 17Page - Texas Instruments OPA2180 Datasheet HTML 18Page - Texas Instruments OPA2180 Datasheet HTML 19Page - Texas Instruments OPA2180 Datasheet HTML 20Page - Texas Instruments OPA2180 Datasheet HTML 21Page - Texas Instruments OPA2180 Datasheet HTML 22Page - Texas Instruments OPA2180 Datasheet HTML 23Page - Texas Instruments OPA2180 Datasheet HTML 24Page - Texas Instruments OPA2180 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
OPA180, OPA2180, OPA4180
www.ti.com
SBOS584D – NOVEMBER 2011 – REVISED MAY 2014
10 Power Supply Recommendations
The OPA180 is specified for operation from 4 V to 36 V (±2 V to ±18 V); many specifications apply from –40°C to
105°C. Parameters that can exhibit significant variance with regard to operating voltage or temperature are
presented in the Layout section.
CAUTION
Supply voltages larger than 40 V can permanently damage the device; see the
Absolute Maximum Ratings.
Place 0.1-
μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high-
impedance power supplies. For more detailed information on bypass capacitor placement, refer to the Layout
section.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: OPA180 OPA2180 OPA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com