Electronic Components Datasheet Search
  English  ▼

X  

OPA2180 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2180
Description   Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2180 Datasheet(HTML) 3 Page - Texas Instruments

  OPA2180 Datasheet HTML 1Page - Texas Instruments OPA2180 Datasheet HTML 2Page - Texas Instruments OPA2180 Datasheet HTML 3Page - Texas Instruments OPA2180 Datasheet HTML 4Page - Texas Instruments OPA2180 Datasheet HTML 5Page - Texas Instruments OPA2180 Datasheet HTML 6Page - Texas Instruments OPA2180 Datasheet HTML 7Page - Texas Instruments OPA2180 Datasheet HTML 8Page - Texas Instruments OPA2180 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUTD
-
IND
+IND
V
-
+INC
-
INC
OUTC
OUTA
-
INA
+INA
V+
+INB
-
INB
OUTB
A
B
D
C
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
A
B
1
2
3
4
8
7
6
5
NC
(1)
V+
OUT
NC
(1)
NC
(1)
-IN
+IN
V-
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
OPA180, OPA2180, OPA4180
www.ti.com
SBOS584D – NOVEMBER 2011 – REVISED MAY 2014
5 Zero-Drift Amplifier Portfolio
OFFSET VOLTAGE
OFFSET VOLTAGE DRIFT
BANDWIDTH
VERSION
PRODUCT
(µV)
(µV/°C)
(MHz)
OPA188 (4 V to 36 V)
25
0.085
2
OPA180 (4 V to 36 V)
75
0.35
2
Single
OPA333 (5 V)
10
0.05
0.35
OPA378 (5 V)
50
0.25
0.9
OPA735 (12 V)
5
0.05
1.6
OPA2188 (4 V to 36 V)
25
0.085
2
OPA2180 (4 V to 36 V)
75
0.35
2
Dual
OPA2333 (5 V)
10
0.05
0.35
OPA2378 (5 V)
50
0.25
0.9
OPA2735 (12 V)
5
0.05
1.6
OPA4188 (4 V to 36 V)
25
0.085
2
Quad
OPA4180 (4 V to 36 V)
75
0.35
2
OPA4330 (5 V)
50
0.25
0.35
6 Pin Configuration and Functions
OPA180
OPA180
DBV Package (SOT23-5)
D and DGK Packages (SO-8 and MSOP-8)
(Top View)
(Top View)
OPA2180
OPA4180
D, DGK Packages (SOIC-8, VSSOP-8)
D, PW Packages (SOIC-14, TSSOP-14)
(Top View)
(Top View)
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA180 OPA2180 OPA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com