Electronic Components Datasheet Search
  English  ▼

X  

VP520 Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # VP520
Description  PAL/NTSC to CIF/QCIF Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP520 Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button VP520 Datasheet HTML 5Page - Mitel Networks Corporation VP520 Datasheet HTML 6Page - Mitel Networks Corporation VP520 Datasheet HTML 7Page - Mitel Networks Corporation VP520 Datasheet HTML 8Page - Mitel Networks Corporation VP520 Datasheet HTML 9Page - Mitel Networks Corporation VP520 Datasheet HTML 10Page - Mitel Networks Corporation VP520 Datasheet HTML 11Page - Mitel Networks Corporation VP520 Datasheet HTML 12Page - Mitel Networks Corporation VP520 Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
VP520S
9
fact needs some interpolation - see the relevant section ).
Chrominance, however, is decimated by two. When produc-
ing QCIF data the luminance channel is decimated by two, and
the chrominance by four.
When the VP520S is used to derive interlaced CCIR601
video, the internal address generator will read the CIF/QCIF
frame store twice in order to produce the two fields. Each field
has its own set of coefficients.
Internal RAM is provided which will support four CIF line
delays for both chrominance and luminance. Five tap filters
are thus possible for CIF conversions. With a QCIF system the
internal RAM could theoretically be used to provide eight QCIF
line delays. In practice, however, little benefit is obtained by
using vertical filters with more than seven taps, and thus only
six line delays are used.
Polyphase filters are used to support the spatial conver-
sions. PAL conversion is relatively simple and only requires a
set of coefficients for each mode. NTSC conversion requires
several sets of coefficients since the 240 lines in a field must
be converted to 288 lines of CIF. One line is repeated in every
five to produce six lines which are then filtered with their own
coefficients.
The generation of interpolated outputs requires CIF / QCIF
data to be repeatedly read from the frame store at various line
intervals. This is all handled by the internal address generator,
and is transparent to the user. The device then produces
coincident luminance and chrominance data which has been
interpolated from data in the frame store. The first line will be
produced to match the delay from the VREF input which has
been pre-defined. This delay must be greater than the internal
pipeline delay, which itself is mode dependent ( delay yet to be
determined ).
The device introduces black lines at the top and bottom of
the fields. Thus the first and last lines in the interpolated field
will be filtered with varying amounts of black information.
PAL VERTICAL FILTERING
When producing CIF data the five tap filters
provide
outputs for every line at the 6.75 MHz decimated line rate.
Every filtered luminance line is used but every other filtered
chrominance line will be discarded. Filter outputs correspond-
ing to odd numbered PAL chrominance lines in any field being
at the centre are used to provide the CIF chrominance lines.
This is shown by the arrows in Figure 7.
When decimating down to QCIF seven tap filters are used,
which provide outputs for every line at the 3.375 MHz line rate.
Only every other filtered luminance line, and every fourth
chrominance line are actually stored in the frame store.
Different PAL lines are used to produce the offset luminance
and chrominance lines as indicated by the arrows in Figure 7.
When interpolating from CIF the luminance channel con-
ceptually uses a 10 tap filter, with every other input line
containing only zero's. Thus only five coefficients are actually
used when producing interpolated lines for the even field, and
five different coefficients are used when producing the odd
field. The device thus stores two sets of five coefficients; one
set for each field produced by reading the CIF frame store
twice.
The chrominance filter is conceptually a 20 tap filter with
three lines of zero's for every actual input. Thus each chromi-
nance channel needs four sets of five coefficients; two sets are
needed to produce one field, and two sets are needed for the
other field. The same chrominance data is read twice for a
given pair of luminance lines, in order to provide inputs for the
filter. Thus the internal line delays contain the same set of
chrominance data on two consecutive lines supplying data to
the filters.
When interpolating from QCIF, seven coefficients can be
0
1
2
3
4
5
6
7
8
9
0
1
2
3
4
5
6
7
8
9
10
11
12
0
1
2
3
4
5
6
7
8
9
10
11
0
1
2
3
4
5
6
7
8
9
0
1
2
3
4
5
0
2
4
QCIF LINES
LUM
CHROM
PAL LINES
EVEN
ODD
NTSC LINES
EVEN
ODD
Fig 8 : QCIF Spatial Relationships



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com