Electronic Components Datasheet Search
  English  ▼

X  

VP520 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # VP520
Description  PAL/NTSC to CIF/QCIF Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP520 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button VP520 Datasheet HTML 2Page - Mitel Networks Corporation VP520 Datasheet HTML 3Page - Mitel Networks Corporation VP520 Datasheet HTML 4Page - Mitel Networks Corporation VP520 Datasheet HTML 5Page - Mitel Networks Corporation VP520 Datasheet HTML 6Page - Mitel Networks Corporation VP520 Datasheet HTML 7Page - Mitel Networks Corporation VP520 Datasheet HTML 8Page - Mitel Networks Corporation VP520 Datasheet HTML 9Page - Mitel Networks Corporation VP520 Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
VP520S
6
using fast page mode in order to guarantee RAS precharge
times and RAS to CAS delays.
The above time partitioning gives a line rate of 6.75 MHz,
which meets real time CIF requirements. The exchange rate
with the encoder or decoder is only half of this, but is adequate
for CIF data at 30 Hz frame rates. In the decode mode the
VP520S produces two fields at 60 Hz rates from every 30 Hz
received frame, thus writing need only be half the rate of
reading. In the decimate mode the VP520S produces a CIF
frame using line rates which could have supported two 60Hz
fields, but only one is used. Thus reading rates need only be
half writing rates since the spare field time is available.
In the interpolate mode two complete CIF frame stores are
required, which dictates the use of 256K word DRAM's. The
A8 pin then provides the ninth address bit needed for such
devices. In the decimate mode only one CIF frame store is
required, and a Control Register Bit allows the user to select
either 256K word DRAM's, or 64K x 16 devices. In the latter
case two such devices are needed, and the A8 pin now
supplies a second CAS strobe to enable the second device.
Refresh cycles generate CAS before RAS sequences.
HOST INTERFACE
The VP520S employs a conventional memory mapped
host interface using a data bus and an address bus. To
minimize on pin count the VP520S only uses four address
lines, and all internal RAM is addressed through counters. All
data is validated with a read or write strobe, and an active low
enabling signal. These strobes can be asynchronous to the 27
MHz clock, but the latter must be present to move the data
through several pipeline delays. Strobes must thus be valid for
several clock periods. Timing is shown in Figure 5.
In the worst case mode ( QCIF to NTSC video ), the device
must store 40 horizontal coefficients and 210 vertical coeffi-
cients. Internal storage must thus be provided for a total of 250
eight bit coefficients, and this is split into four blocks. These
consist of storage for 24 horizontal luminance coefficients;
storage for 16 horizontal chrominance coefficients; storage for
70 vertical luminance coefficients; and finally 140 vertical
chrominance coefficients. Each block of RAM has its own
internal address counter, and all counters are simultaneously
reset with a write to address F hex. Each RAM area has an
associated address as listed below, and a read or write using
that address will increment the relevant counter. Attempts to
use more addresses than are applicable to a particular area
will cause undefined behaviour.
Address allocations are given below;
Addr
Function
0
Reserved
1
R/W horizontal luminance coefficients. Max 24
2
R/W horizontal chrominance coefficients. Max 16.
3
Normally 00 Hex. When 02 Hex the sync generator can be
reset with the FRST and VRST pins.
4
Reserved for internal use
5
R/W vertical luminance coefficients. Max 70.
6
R/W vertical chrominance coefficients. Max 140.
7
Set to the normal operating value of 01 Hex by RESET. When
loaded with 21 Hex an encoding plus a decoding VP520S can
be connected 'back to back' for test purposes or coefficient
investigations. No other values must be used.
8
Control Register 0. See below.
9
Control Register 1. See below
A
Line delay from VREF to first active line. 6MSBs only
A/B
Pixel delay from HREF to first active pixel 2 Bits from A
plus 8 from B to give a 10 Bit value. Bit A1 is the MSB
C
Blanked screen Y value
D
Blanked screen U value
E
Blanked screen V value
F
Clear all address counters
The bits in control registers 0 and 1 are used individually,
and are defined below. Where necessary the action caused
when changing a control bit is delayed until the start of a new
field.
REGISTER 0 (Address 8)
BIT
FUNCTION
0
Interpolate if high, decimate if low
1
PAL if low, NTSC if high
2
QCIF if high, CIF if low
3
If low subtract 16 from Y, add 16 back after filtering
4
If low subtract 128 from chrominance I/Ps, add 128 to O/Ps
5
If low generate sync, if high lock to HREF and VREF
6
If low then active edge of VREF is low going.
7
If low then active edge of HREF is low going.
REGISTER 1 (Address 9)
BIT
FUNCTION
0
If low then U inputs precede V inputs and outputs
1
If low use the internal field detect logic
2
Field Select. See text.
3
If low use 64Kx16 DRAM ( encoder only )
4
When high specifies Split Screen mode (encoder only)
5
When low the Frame Ready Flag is enabled
6
When high the screen is blanked (colour defined in addresses
C, D, E)
7
When high DRAM writes are disabled
USE OF ADDRESS 7
By loading Hex 21 into host address 7 it is possible to
connect the encoding and decoding filters into a back to back
configuration. This is useful for test purposes or for evaluating
the filter coefficient values, and it avoids the need for a 'Frame
Start' signal into the filter in the decode path. In normal
operation address 7 should contain 01 which is the default
after a reset operation.
LOADING COEFFICIENTS
The following tables show the coefficient storage locations
for different modes. The filter sections below describe the use
of coefficient sets. Within a set, coefficients are stored in
ascending order, ie. C0, C1, C2 etc. Note that some locations
are shown as not used. However, since each store is loaded
sequentially, the data stream used to load the coefficient
stores must contain padding values corresponding to the
unused addresses. Note also that only the address range
shown in the tables have to be loaded with data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com