Electronic Components Datasheet Search
  English  ▼

X  

VP520 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # VP520
Description  PAL/NTSC to CIF/QCIF Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP520 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  VP520 Datasheet HTML 1Page - Mitel Networks Corporation VP520 Datasheet HTML 2Page - Mitel Networks Corporation VP520 Datasheet HTML 3Page - Mitel Networks Corporation VP520 Datasheet HTML 4Page - Mitel Networks Corporation VP520 Datasheet HTML 5Page - Mitel Networks Corporation VP520 Datasheet HTML 6Page - Mitel Networks Corporation VP520 Datasheet HTML 7Page - Mitel Networks Corporation VP520 Datasheet HTML 8Page - Mitel Networks Corporation VP520 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
VP520S
1
VP520S
PAL/NTSC to CIF/QCIF Converter
Advance Information
Supersedes version in June 1995 Digital Video & DSP IC Handbook, HB3923-2
DS3504 - 3.2 October 1996
FEATURES
s
Lower Power, pin compatible replacement for VP520
s
Converts CCIR601 luminance and chrominance to CIF
or QCIF resolution, and vice versa, using a 27MHz
system clock.
s
Luminance and chrominance channels have their own
sets of horizontal and vertical filters with on chip line
stores
s
Each filter set may be configured to either decimate or
interpolate.
s
NTSC line insertion or removal mode
s
Produces / expects CIF/QCIF data in macroblock for-
mat.
s
120 Pin QFP Package
Fig 1 : Simplified Block Diagram
DESCRIPTION
The VP520S is designed to convert 16 bit multiplexed
luminance and chrominance data between CCIR601 and CIF/
QCIF resolutions. Vertical and horizontal FIR filters are pro-
vided, with the vertical filters supported by on chip line stores.
The coefficients used by the filters are user definable, and are
down loaded from an independent host data bus. An internal
address generator supports an external DRAM frame store,
and also provides line to macroblock conversion.
When producing CIF or QCIF video the horizontal filters
precede the vertical filters, and are provided with between 8
and 16 taps. The vertical filters are provided with four CIF line
delays which allow a 5 tap filter to be implemented. When
producing QCIF the available RAM is used to provide six line
delays, which thus allows 7 tap filters to be used.
When the device is producing CCIR601 video, the incom-
ing data must be in macroblock format, and the vertical filters
precede the horizontal filters The inputs are firstly written to a
external CIF sized frame store, and are read out in line format.
The VP520S will support two complete frame stores, and
allows the CIF/QCIF data to be read out twice in order to
produce two interlaced fields of video.
The VP520S supports the conversion between CIF/QCIF
and NTSC video. An extra line is produced for every five lines
when producing CIF data, and one line in six is removed when
producing NTSC video. Poly phase filters are used to provide
the correct decimation and interpolation ratios.
ASSOCIATED PRODUCTS
s
VP510 Colour Space Converter
s
VP2611 H261 Encoder
s
VP2615 H261 Decoder
s
VP2612 Video Multiplexer
s
VP2614 Video Demultiplexer
FRAME START
/ READY
16 BIT
FRAME STORE
BUS
RAM ADDRESS
GENERATOR
SUPPORTING
LINE TO BLOCK
CONVERSION
Horizontal
Filters
Vertical
Filters
FOUR
LINE
DELAYS
FILTER BLOCK
INPUT/
OUTPUT
FIFO
MUXING
FILTER BLOCK
FILTER BLOCK
VP520S
8 BIT
LUMINANCE
CREF
8 BIT
MACROBLOCK
BUS
COEFF
STORE
HOST
BUS
ADDRESS
CONTROL
SYNC
GENERATOR
HREF
VREF
MUX
8 BIT
CHROMINANCE
MACROBLOCK
STROBE
REQ BLKS
MUXING


Similar Part No. - VP520

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP5225 SUTEX-VP5225 Datasheet
662Kb / 3P
P-Channel Enhancement-Mode Vertical DMOS FET
VP5225K4 SUTEX-VP5225K4 Datasheet
662Kb / 3P
P-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - VP520

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD720 AD-AD720 Datasheet
146Kb / 8P
RGB to NTSC/PAL Encoders
REV.0
AD722 AD-AD722 Datasheet
363Kb / 12P
RGB to NTSC/PAL Encoder
REV.0
AD724 AD-AD724 Datasheet
205Kb / 15P
RGB to NTSC/PAL Encoder
logo
Rohm
BA7045 ROHM-BA7045 Datasheet
185Kb / 8P
NTSC TO PAL FORMAT CONVERTER
logo
List of Unclassifed Man...
AL128 ETC-AL128 Datasheet
498Kb / 45P
Plug and Play VGA to NTSC/PAL Converter
logo
Mitsumi Electronics, Co...
MM1130 MITSUMI-MM1130 Datasheet
210Kb / 8P
NTSC PAL Converter Monolithic IC MM1130
logo
AverLogic Technologies ...
AL128 AVERLOGIC-AL128 Datasheet
42Kb / 2P
Plug and Play VGA to NTSC / PAL Converter
logo
Analog Devices
AD720 AD-AD720_15 Datasheet
287Kb / 8P
RGB to NTSC/PAL Encoders
REV. 0
AD721 AD-AD721_15 Datasheet
287Kb / 8P
RGB to NTSC/PAL Encoders
REV. 0
AD724 AD-AD724_15 Datasheet
209Kb / 15P
RGB to NTSC/PAL Encoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com