Electronic Components Datasheet Search
  English  ▼

X  

WL600C Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # WL600C
Description  2.4 - 2.5GHz RF and IF Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

WL600C Datasheet(HTML) 2 Page - Mitel Networks Corporation

  WL600C Datasheet HTML 1Page - Mitel Networks Corporation WL600C Datasheet HTML 2Page - Mitel Networks Corporation WL600C Datasheet HTML 3Page - Mitel Networks Corporation WL600C Datasheet HTML 4Page - Mitel Networks Corporation WL600C Datasheet HTML 5Page - Mitel Networks Corporation WL600C Datasheet HTML 6Page - Mitel Networks Corporation WL600C Datasheet HTML 7Page - Mitel Networks Corporation WL600C Datasheet HTML 8Page - Mitel Networks Corporation WL600C Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
WL600C
Fig. 2 WL600C block diagram
Pin
Ref
Type
Description
1
QUAD+
I/O
Quadrature demodulator tank circuit connection
2
QUAD -
I/O
Quadrature demodulator tank circuit connection
3
GND_IF
GND
Ground for IF strip circuitry
4
DEMOD_OUT +
OUT
Demodulator output
5
DEMOD_OUT -
OUT
Demodulator output
6
RSSI
OUT
RSSI detector analogue output
7
CLAMP_SET
IN
Sets clamp knee voltage
8
CCA_THRESHOLD
IN
Sets level at which CCA comparator will switch
9
VCC_IFSTRIP
VCC
Power supply for log amp, demod, and internal references
10
DECOUPLE_LOG -
I/O
Decoupling for log amp feedback network, AC couple
11
DECOUPLE_LOG +
I/O
Decoupling for log amp feedback network, AC couple
12
IF_IN +
IN
Log amp input, AC couple
13
IF_IN -
IN
Log amp input, AC couple
14
CCAB
OUT
CCA comparator output: signal = logic high, clear = logic low
15
GND_IF
GND
Ground for IF strip circuitry
16
BUFFER_IN +
IN
x 2 buffer input
17
BUFFER_IN -
IN
x 2 buffer input
18
VCC_DATA
VCC
Power supply for clamp, data comparator and buffer amp
19
RXD
OUT
Data comparator output
ACTIVE
CLAMP
CIRCUIT
IMAGE
REJECT
MIXER
PHASE
SHIFT
PHASE
SHIFT
29
LNA
IMAGE
REJECT
MIXER
32
PA DRIVE
BUFFER
LO
BUFFER
35
40
12
13
6
8
PHASE
SHIFT
22
23 46
47
7
42
43
DATA
SLICE
19
20
16
44
45
X2
BUFFER
AMP
17
10
11
1
2
4
5
14
COMPARATOR
DETECTORS
IF STRIP
DEVICE PIN OUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com