Electronic Components Datasheet Search
  English  ▼

X  

WL600C Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # WL600C
Description  2.4 - 2.5GHz RF and IF Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

WL600C Datasheet(HTML) 4 Page - Mitel Networks Corporation

  WL600C Datasheet HTML 1Page - Mitel Networks Corporation WL600C Datasheet HTML 2Page - Mitel Networks Corporation WL600C Datasheet HTML 3Page - Mitel Networks Corporation WL600C Datasheet HTML 4Page - Mitel Networks Corporation WL600C Datasheet HTML 5Page - Mitel Networks Corporation WL600C Datasheet HTML 6Page - Mitel Networks Corporation WL600C Datasheet HTML 7Page - Mitel Networks Corporation WL600C Datasheet HTML 8Page - Mitel Networks Corporation WL600C Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
WL600C
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions (unless otherwise stated):
T
AMB = -20°C to + 85°C VCC = 2.7V to 3.6V,
Characteristic
Value
Unit
Condition
Min
Typ
Max
Supply current (transmit)
50
mA
Supply current (Receive)
60
mA
Supply current in standby
0.3
mA
PA DRIVER & RAMP CIRCUIT
Logic low voltage
0
0.8
V
Ramp down
Logic high voltage
Vcc-0.7
Vcc
V
Ramp up
Logic Input current
10
µA
Ramp capacitor charge Current
250
µA
Ramp capacitor voltage swing
1
V
Output power
-2
2
dBm
Output band
2.4
2.5
GHz
Max to Min power out ratio
20
dB
RECEIVER LOW NOISE
AMPLIFIER & MIXERS
Conversion gain
19
22
dB
Differential into 600Ohms
3rd order intercept point
-10
dBm
1dB input gain compression
-22
dBm
Noise figure
7
10
dB
Matched to 50Ohms
Input impedance
2.4GHz
13+j20
Ohms
2.45GHz
15+j30
2.5GHz
20+j50
Image frequency rejection
25
dB
Local oscillator input level
-16
dBm
Local oscillator input impedance
15-j40
Ohms
IF output impedance
600
Ohms
With external 900
Ω resistor
TRANSMIT/RECEIVE INPUT
Logic low voltage
0
0.8
V
Receive mode
Logic high voltage
Vcc-0.7
Vcc
V
Transmit mode
Input current
10
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com