Electronic Components Datasheet Search
  English  ▼

X  

WL600C Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # WL600C
Description  2.4 - 2.5GHz RF and IF Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

WL600C Datasheet(HTML) 3 Page - Mitel Networks Corporation

  WL600C Datasheet HTML 1Page - Mitel Networks Corporation WL600C Datasheet HTML 2Page - Mitel Networks Corporation WL600C Datasheet HTML 3Page - Mitel Networks Corporation WL600C Datasheet HTML 4Page - Mitel Networks Corporation WL600C Datasheet HTML 5Page - Mitel Networks Corporation WL600C Datasheet HTML 6Page - Mitel Networks Corporation WL600C Datasheet HTML 7Page - Mitel Networks Corporation WL600C Datasheet HTML 8Page - Mitel Networks Corporation WL600C Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
WL600C
Pin
Ref
Type
Description
20
RXDB
OUT
Data comparator output
21
GND_RF
GND
Ground for LNA, mixer, IF summation, and PA driver circuits
22
IF_OUT-
OUT
Downconverter output, requires external load and RFC
23
IF_OUT+
OUT
Downconverter output, requires external load and RFC
24
GND_PADDLE
GND
Ground for substrate and package paddle
25
VCC_RF
VCC
Power supply for mixer, summation, and PA ramp circuits
26
GND_RF
GND
Ground for LNA, mixer, IF summation, and PA driver circuits
27
VCC_LNA
VCC
Power supply for LNA
28
GND_RF
GND
Ground for LNA, mixer, IF summation, and PA driver circuits
29
RF_IN
IN
LNA input, AC couple
30
LNA_DEGEN
I/O
LNA degeneration, connect to ground
31
LNA_DEGEN
I/O
LNA degeneration, connect to ground
32
DRIVE
OUT
Power amplifier driver output, requires external load and RFC
33
VCC_PA
VCC
Power supply for power amplifier driver
34
GND_RF
GND
Ground for LNA, mixer, IF summation, and PA driver circuits
35
RAMP_CAP
I/O
PA ramp circuit timing capacitor connection
36
PA_ON
IN
PA ramp circuit control input:
PA on = logic high, PA off = logic low
37
STDBYB
IN
Power down control input:
active= logic high, standby = logic low
38
TX/RXB
IN
Transmit/Receive control input:
transmit = logic high, receive = logic low
39
GND_LO
GND
Ground for LO buffer, phaseshifter, and standby circuitry
40
LO_IN
IN
Local oscillator input, AC couple
41
VCC_LO
VCC
Power supply for LO buffer, phaseshifter, and standby circuitry
42
DATA_IN+
IN
Data comparator input
43
DATA_IN-
IN
Data comparator input
44
BUFFER_OUT-
OUT
x2 buffer output
45
BUFFER_OUT+
OUT
x2 buffer output
46
CLAMP -
I/O
Data clamp, knee voltage set by pin 7, AC couple
47
CLAMP +
I/O
Data clamp, knee voltage set by pin 7, AC couple
48
GND_PADDLE
GND
Ground for substrate and package paddle



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com