Electronic Components Datasheet Search
  English  ▼

X  

TLV5604CPWRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5604CPWRG4
Description  2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5604CPWRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV5604CPWRG4 Datasheet HTML 2Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 3Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 4Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 5Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 6Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 7Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 8Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 9Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TLV5604
2.7-V TO 5.5-V 10-BIT 3-
µS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS
WITH POWER DOWN
SLAS176B – DECEMBER 1997 – REVISED JULY 2002
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range
(unless otherwise noted) (continued)
analog output dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Output slew rate
CL = 100 pF, RL = 10 kΩ,
VO 10% to 90%
Fast
5
V/
µs
SR
Output slew rate
VO = 10% to 90%,
Vref = 2.048 V, 1024 V
Slow
1
V/
µs
t
Output settling time
To
± 0.5 LSB, CL = 100 pF,
Fast
2.5
4
µs
ts
Output settling time
,
L
,
RL = 10 kΩ, See Notes 12 and 14
Slow
8.5
18
µs
t ()
Output settling time code to code
To
± 0.5 LSB, CL = 100 pF,
Fast
1
µs
ts(c)
Output settling time, code to code
,
L
,
RL = 10 kΩ, See Note 13
Slow
2
µs
Glitch energy
Code transition from 7FF to 800
10
nV-sec
SNR
Signal-to-noise ratio
Sinewave generated by DAC,
R f
l
1 024
3 V
d 2 048
5 V
68
S/(N+D)
Signal to noise + distortion
Reference voltage = 1.024 at 3 V and 2.048 at 5 V,
fs = 400 KSPS,
65
dB
THD
Total harmonic Distortion
fs = 400 KSPS,
fOUT = 1.1 kHz sinewave,
CL = 100 pFRL =10kΩ
–68
dB
SFDR
Spurious free dynamic range
CL = 100 pF,
RL = 10 kΩ,
BW = 20 kHz
70
NOTES: 12. Settling time is the time for the output signal to remain within
± 0.5LSB of the final measured value for a digital input code change
of 020 hex to 3FF hex or 3FF hex to 020 hex.
13. Settling time is the time for the output signal to remain within
± 0.5LSB of the final measured value for a digital input code change
of one count, 1FF hex to 200 hex.
14. Limits are ensured by design and characterization, but are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com