Electronic Components Datasheet Search
  English  ▼

X  

TLV5604CPWRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5604CPWRG4
Description  2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5604CPWRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV5604CPWRG4 Datasheet HTML 4Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 5Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 6Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 7Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 8Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 9Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 10Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 11Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TLV5604
2.7-V TO 5.5-V 10-BIT 3-
µS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS
WITH POWER DOWN
SLAS176B – DECEMBER 1997 – REVISED JULY 2002
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
0.20
0.10
0.05
0
0
0.02 0.04
0.1
0.2
0.4
1
0.25
0.30
Load Current – mA
LOAD REGULATION
0.35
24
0.15
VDD = 5 V,
VREF = 2 V,
VO = Full Scale
5 V Slow Mode, Sink
5 V Fast Mode, Sink
0.8
Figure 3
0.10
0.08
0.04
0
0
0.01 0.02 0.05 0.1
0.2
0.5
0.16
0.18
LOAD REGULATION
0.20
12
0.14
0.12
0.06
0.02
Load Current – mA
VDD = 3 V,
VREF = 1 V,
VO = Full Scale
3 V Slow Mode, Sink
3 V Fast Mode, Sink
0.8
Figure 4
3.994
3.99
3.986
3.984
3.996
4.00
LOAD REGULATION
4.002
3.998
3.992
3.988
Load Current – mA
VDD = 5 V,
VREF = 2 V,
VO = Full Scale
5 V Slow Mode, Source
5 V Fast Mode, Source
0
0.02 0.04
0.1
0.2
0.4
1
2
4
0.8
Figure 5
2.0015
2.0005
1.9995
1.999
2.002
2.0025
LOAD REGULATION
2.003
2.001
2
Load Current – mA
3 V Slow Mode, Source
3 V Fast Mode, Source
VDD = 3 V,
VREF = 1 V,
VO = Full Scale
0
0.01 0.02 0.05 0.1
0.2
0.5
1
2
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com