Electronic Components Datasheet Search
  English  ▼

X  

TLV5604CPWRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5604CPWRG4
Description  2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5604CPWRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV5604CPWRG4 Datasheet HTML 3Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 4Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 5Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 6Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 7Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 8Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 9Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 10Page - Texas Instruments TLV5604CPWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TLV5604
2.7-V TO 5.5-V 10-BIT 3-
µS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS
WITH POWER DOWN
SLAS176B – DECEMBER 1997 – REVISED JULY 2002
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range
(unless otherwise noted) (continued)
digital input timing requirements
MIN
NOM
MAX
UNIT
tsu(CS–FS)
Setup time, CS low before FS
↓
10
ns
tsu(FS–CK)
Setup time, FS low before first negative SCLK edge
8
ns
tsu(C16–FS)
Setup time, sixteenth negative SCLK edge after FS low on which bit D0 is sampled before
rising edge of FS
10
ns
tsu(C16–CS)
Setup time. The first positive SCLK edge after D0 is sampled before CS rising edge. If FS
is used instead of the SCLK positive edge to update the DAC, then the setup time is between
the FS rising edge and CS rising edge.
10
ns
twH
Pulse duration, SCLK high
25
ns
twL
Pulse duration, SCLK low
25
ns
tsu(D)
Setup time, data ready before SCLK falling edge
8
ns
th(D)
Hold time, data held valid after SCLK falling edge
5
ns
twH(FS)
Pulse duration, FS high
20
ns
PARAMETER MEASUREMENT INFORMATION
12
3
4
5
15
16
D15
D14
D13
D12
D1
D0
tsu(FS-CK)
tsu(CS-FS)
twH(FS)
th(D)
tsu(D)
twH
twL
tsu(C16-CS)
tsu(C16-FS)
SCLK
DIN
CS
FS
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com