Electronic Components Datasheet Search
  English  ▼

X  

TMP75B Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75B
Description  TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP75B Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP75B Datasheet HTML 5Page - Texas Instruments TMP75B Datasheet HTML 6Page - Texas Instruments TMP75B Datasheet HTML 7Page - Texas Instruments TMP75B Datasheet HTML 8Page - Texas Instruments TMP75B Datasheet HTML 9Page - Texas Instruments TMP75B Datasheet HTML 10Page - Texas Instruments TMP75B Datasheet HTML 11Page - Texas Instruments TMP75B Datasheet HTML 12Page - Texas Instruments TMP75B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Measured
Temperature
T
HIGH
T
LOW
Device
ALERTPIN
(ComparatorMode)
POL=0
Device
ALERTPIN
(InterruptMode)
POL=0
Device
ALERTPIN
(ComparatorMode)
POL=1
Device
ALERTPIN
(InterruptMode)
POL=1
Read
Read
Time
Read
TMP75B
www.ti.com
SBOS706B – APRIL 2014 – REVISED AUGUST 2014
7.3.2 Temperature Limits and Alert
The temperature limits are stored in the TLOW and THIGH registers (Table 8 and Table 9) in the same format as
the temperature result, and their values are compared to the temperature result on every conversion. The
outcome of the comparison drives the behavior of the ALERT pin, which can operate as a comparator output or
an interrupt, and is set by the TM bit in the configuration register (Table 7).
In comparator mode (TM = 0, default), the ALERT pin becomes active when the temperature is equal to or
exceeds the value in THIGH (fault conditions) for a consecutive number of conversions as set by the FQ bits of the
configuration register. ALERT clears when the temperature falls below TLOW for the same consecutive number of
conversions. The difference between the two limits acts as a hysteresis on the comparator output, and a fault
counter prevents false alerts as a result of environmental noise.
In interrupt mode (TM = 1), the ALERT pin becomes active when the temperature equals or exceeds the value in
THIGH for a consecutive number of fault conditions. The ALERT pin remains active until a read operation of any
register occurs, or the device successfully responds to the SMBus alert response address. The ALERT pin is
also cleared if the device is placed in shutdown mode (see Shutdown Mode section for shutdown mode
description). After the ALERT pin is cleared, this pin becomes active again only when the temperature falls below
TLOW for a consecutive number of fault conditions, and remains active until cleared by a read operation of any
register, or a successful response to the SMBus alert response address. After the ALERT pin is cleared, the
cycle repeats with the ALERT pin becoming active when the temperature equals or exceeds THIGH, and so on.
The ALERT pin can also be cleared by resetting the device with the general-call reset command. This action also
clears the state of the internal registers in the device and the fault counter memory, returning the device to
comparator mode (TM = 0).
The active state of the ALERT pin is set by the POL bit in the configuration register. When POL = 0 (default), the
ALERT pin is active low. When POL = 1, the ALERT pin is active high. The operation of the ALERT pin in
various modes is illustrated in Figure 7.
Figure 7. ALERT Pin Modes of Operation
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TMP75B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com