Electronic Components Datasheet Search
  English  ▼

X  

TMP75B Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75B
Description  TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP75B Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP75B Datasheet HTML 8Page - Texas Instruments TMP75B Datasheet HTML 9Page - Texas Instruments TMP75B Datasheet HTML 10Page - Texas Instruments TMP75B Datasheet HTML 11Page - Texas Instruments TMP75B Datasheet HTML 12Page - Texas Instruments TMP75B Datasheet HTML 13Page - Texas Instruments TMP75B Datasheet HTML 14Page - Texas Instruments TMP75B Datasheet HTML 15Page - Texas Instruments TMP75B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
TMP75B
SBOS706B – APRIL 2014 – REVISED AUGUST 2014
www.ti.com
7.3.3.9 Two-Wire Timing
The TMP75B is two-wire and SMBus compatible. Figure 8 to Figure 11 describe the various operations on the
TMP75B. Parameters for Figure 8 are defined in Table 3. Bus definitions are:
Bus Idle
Both SDA and SCL lines remain high.
Start Data Transfer A change in the state of the SDA line, from high to low, while the SCL line is high defines a
start condition. Each data transfer is initiated with a start condition.
Stop Data Transfer A change in the state of the SDA line from low to high while the SCL line is high defines a
stop condition. Each data transfer is terminated with a repeated start or stop condition.
Data Transfer The number of data bytes transferred between a start and a stop condition is not limited, and is
determined by the master device.
The receiver acknowledges the transfer of data. It is also possible to use the TMP75B for
single-byte updates. To update only the MS byte, terminate communication by issuing a start
or stop condition on the bus.
Acknowledge Each receiving device, when addressed, must generate an acknowledge bit.
A device that acknowledges must pull down the SDA line during the acknowledge clock
pulse so that the SDA line is stable low during the high period of the acknowledge clock
pulse. Setup and hold times must be taken into account. When a master receives data, the
termination of the data transfer can be signaled by the master generating a not-acknowledge
(1) on the last byte transmitted by the slave.
Table 3. Timing Diagram Requirements
FAST MODE
HIGH-SPEED MODE
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
VS ≥ 1.8 V
0.001
0.4
0.001
3
MHz
f(SCL)
SCL operating frequency
VS < 1.8 V
0.001
0.4
0.001
2.5
MHz
VS ≥ 1.8 V
1300
160
ns
Bus free time between
t(BUF)
stop and start conditions
VS < 1.8 V
1300
260
ns
Hold time after repeated start condition.
t(HDSTA)
600
160
ns
After this period, the first clock is generated.
t(SUSTA)
Repeated start condition setup time
600
160
ns
t(SUSTO)
Stop condition setup time
600
160
ns
VS ≥ 1.8 V
0
900
0
100
ns
t(HDDAT)
Data hold time
VS < 1.8 V
0
900
0
140
ns
VS ≥ 1.8 V
100
10
ns
t(SUDAT)
Data setup time
VS < 1.8 V
100
20
ns
VS ≥ 1.8 V
1300
190
ns
t(LOW)
SCL clock low period
VS < 1.8 V
1300
240
ns
t(HIGH)
SCL clock high period
600
60
ns
tR(SDA), tF(SDA)
Data rise and fall time
300
80
ns
tR(SCL), tF(SCL)
Clock rise and fall time
300
40
ns
tR
Clock and data rise time for SCLK
≤ 100 kHz
1000
ns
12
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TMP75B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com