Electronic Components Datasheet Search
  English  ▼

X  

TMP75B Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75B
Description  TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP75B Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP75B Datasheet HTML 15Page - Texas Instruments TMP75B Datasheet HTML 16Page - Texas Instruments TMP75B Datasheet HTML 17Page - Texas Instruments TMP75B Datasheet HTML 18Page - Texas Instruments TMP75B Datasheet HTML 19Page - Texas Instruments TMP75B Datasheet HTML 20Page - Texas Instruments TMP75B Datasheet HTML 21Page - Texas Instruments TMP75B Datasheet HTML 22Page - Texas Instruments TMP75B Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
A2
SDA
SCL
GND
ALERT
2
6
8
7
1
A1
A0
VS
4
3
5
0.01 2F
Two-Wire
Host Controller
TMP75B
1.4 V to 3.6 V
A2
SDA
SCL
GND
ALERT
2
6
8
7
1
A1
A0
VS
4
3
5
0.01 2F
TMP75B
1.4 V to 3.6 V
Connect to VS or
GND for up to 8
Address
Combinations
Connect to VS or
GND for up to 8
Address
Combinations
Additional
Sensor
Locations
TMP75B
www.ti.com
SBOS706B – APRIL 2014 – REVISED AUGUST 2014
8 Application and Implementation
8.1 Application Information
The TMP75B is used to measure the PCB temperature of the location it is mounted. The programmable address
options allow up to eight locations on the board to be monitored on a single serial bus. Connecting the ALERT
pins together and programming the temperature limit registers to desired values allows for a temperature
watchdog operation of all devices, interrupting the host controller only if the temperature exceeds the limits.
8.2 Typical Application
Figure 19. Temperature Monitoring of Multiple Locations on a PCB
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TMP75B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com