Electronic Components Datasheet Search
  English  ▼

X  

TMP100NA Datasheet(PDF) 16 Page - Texas Instruments

Part # TMP100NA
Description  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP100NA Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP100NA Datasheet HTML 12Page - Texas Instruments TMP100NA Datasheet HTML 13Page - Texas Instruments TMP100NA Datasheet HTML 14Page - Texas Instruments TMP100NA Datasheet HTML 15Page - Texas Instruments TMP100NA Datasheet HTML 16Page - Texas Instruments TMP100NA Datasheet HTML 17Page - Texas Instruments TMP100NA Datasheet HTML 18Page - Texas Instruments TMP100NA Datasheet HTML 19Page - Texas Instruments TMP100NA Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
TMP100, TMP101
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
www.ti.com
7.5.2 Temperature Register
The Temperature Register of the TMP100 or TMP101 devices is a 12-bit, read-only register that stores the
output of the most recent conversion. Two bytes must be read to obtain data, and are described in Table 6 and
Table 7. The first 12 bits are used to indicate temperature, with all remaining bits equal to zero. Data format for
temperature is summarized in Table 1. Following power-up or reset, the Temperature Register reads 0°C until
the first conversion is complete.
Table 6. Byte 1 of the Temperature Register
D7
D6
D5
D4
D3
D2
D1
D0
T11
T10
T9
T8
T7
T6
T5
T4
Table 7. Byte 2 of the Temperature Register
D7
D6
D5
D4
D3
D2
D1
D0
T3
T2
T1
T0
0
0
0
0
7.5.3 Configuration Register
The Configuration Register is an 8-bit read and write register used to store bits that control the operational
modes of the temperature sensor. Read and write operations are performed MSB-first. The format of the
Configuration Register for the TMP100 and TMP101 devices is shown in Table 8, followed by a breakdown of the
register bits. The power-up or reset value of the Configuration Register is all bits equal to 0. The OS/ALERT bit
reads as 1 after power-up or reset value.
Table 8. Configuration Register Format
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
OS/ALERT
R1
R0
F1
F0
POL
TM
SD
7.5.3.1 Shutdown Mode (SD)
The Shutdown Mode of the TMP100 and TMP101 devices allows the user to save maximum power by shutting
down all device circuitry other than the serial interface, which reduces current consumption to less than 1 µA. For
the TMP100 and TMP101 devices, Shutdown Mode is enabled when the SD bit is 1. The device shuts down
when the current conversion is completed. For SD equal to 0, the device maintains continuous conversion.
7.5.3.2 Thermostat Mode (TM)
The Thermostat Mode bit of the TMP101 device indicates to the device whether to operate in Comparator Mode
(TM = 0) or Interrupt Mode (TM = 1). For more information on comparator and interrupt modes, see High- and
Low-Limit Registers.
7.5.3.3 Polarity (POL)
The Polarity bit of the TMP101 device lets the user adjust the polarity of the ALERT pin output. If the POL bit is
set to 0 (default), the ALERT pin becomes active low. When the POL bit is set to 1, the ALERT pin becomes
active high and the state of the ALERT pin is inverted. The operation of the ALERT pin in various modes is
illustrated in Figure 11.
16
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TMP100 TMP101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com