Electronic Components Datasheet Search
  English  ▼

X  

TMP100NA Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP100NA
Description  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP100NA Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP100NA Datasheet HTML 17Page - Texas Instruments TMP100NA Datasheet HTML 18Page - Texas Instruments TMP100NA Datasheet HTML 19Page - Texas Instruments TMP100NA Datasheet HTML 20Page - Texas Instruments TMP100NA Datasheet HTML 21Page - Texas Instruments TMP100NA Datasheet HTML 22Page - Texas Instruments TMP100NA Datasheet HTML 23Page - Texas Instruments TMP100NA Datasheet HTML 24Page - Texas Instruments TMP100NA Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Serial Bus Traces
Pull-Up Resistors
Supply Bypass
Capacitor
Via to Power or Ground Plane
Via to Internal Layer
Supply Voltage
SCL
GND
ADD1
V+
SDA
Ground Plane for
Thermal Coupling
to Heat Source
Heat Source
ADD0
TMP100, TMP101
www.ti.com
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
9 Power Supply Recommendations
The TMP100 and TMP101 devices operate with power supply in the range of 2.7 V to 5.5 V. A power-supply
bypass capacitor is required for stability; place this capacitor as close as possible to the supply and ground pins
of the device. A typical value for this supply bypass capacitor is 0.01
μF. Applications with noisy or high-
impedance power supplies can require additional decoupling capacitors to reject power-supply noise.
10 Layout
10.1 Layout Guidelines
Place the power-supply bypass capacitor as close as possible to the supply and ground pins. The recommended
value of this bypass capacitor is 0.01
μF. Additional decoupling capacitance can be added to compensate for
noisy or high-impedance power supplies. Pull up the open-drain output pins SDA , SCL, and ALERT (TMP101)
through 5-k
Ω pullup resistors.
10.2 Layout Examples
Figure 15. TMP100 Layout Example
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TMP100 TMP101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com