Electronic Components Datasheet Search
  English  ▼

X  

TMP100NA Datasheet(PDF) 2 Page - Texas Instruments

Part # TMP100NA
Description  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP100NA Datasheet(HTML) 2 Page - Texas Instruments

  TMP100NA Datasheet HTML 1Page - Texas Instruments TMP100NA Datasheet HTML 2Page - Texas Instruments TMP100NA Datasheet HTML 3Page - Texas Instruments TMP100NA Datasheet HTML 4Page - Texas Instruments TMP100NA Datasheet HTML 5Page - Texas Instruments TMP100NA Datasheet HTML 6Page - Texas Instruments TMP100NA Datasheet HTML 7Page - Texas Instruments TMP100NA Datasheet HTML 8Page - Texas Instruments TMP100NA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TMP100, TMP101
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
7.3
Feature Description................................................... 9
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 14
2
Applications ........................................................... 1
7.5
Programming........................................................... 15
3
Description ............................................................. 1
8
Application and Implementation ........................ 19
4
Revision History..................................................... 2
8.1
Application Information............................................ 19
5
Pin Configuration and Functions ......................... 3
8.2
Typical Application .................................................. 19
6
Specifications......................................................... 4
9
Power Supply Recommendations ...................... 21
6.1
Absolute Maximum Ratings ...................................... 4
10
Layout................................................................... 21
6.2
ESD Ratings ............................................................ 4
10.1
Layout Guidelines ................................................. 21
6.3
Recommended Operating Conditions ....................... 4
10.2
Layout Examples................................................... 21
6.4
Thermal Information ................................................. 4
11
Device and Documentation Support ................. 23
6.5
Electrical Characteristics........................................... 5
11.1
Related Links ........................................................ 23
6.6
Timing Requirements ................................................ 6
11.2
Trademarks ........................................................... 23
6.7
Typical Characteristics .............................................. 7
11.3
Electrostatic Discharge Caution ............................ 23
7
Detailed Description .............................................. 8
11.4
Glossary ................................................................ 23
7.1
Overview ................................................................... 8
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ......................................... 8
Information ........................................................... 23
4 Revision History
Changes from Revision H (March 2015) to Revision I
Page
•
Changed body size values in Device Information table ........................................................................................................ 1
Changes from Revision G (November 2007) to Revision H
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................ 1
•
Changed specification values in Timing Requirements table ................................................................................................ 6
2
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TMP100 TMP101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com