Electronic Components Datasheet Search
  English  ▼

X  

ATP401 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ATP401
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP401 Datasheet(HTML) 3 Page - ON Semiconductor

  ATP401 Datasheet HTML 1Page - ON Semiconductor ATP401 Datasheet HTML 2Page - ON Semiconductor ATP401 Datasheet HTML 3Page - ON Semiconductor ATP401 Datasheet HTML 4Page - ON Semiconductor ATP401 Datasheet HTML 5Page - ON Semiconductor ATP401 Datasheet HTML 6Page - ON Semiconductor ATP401 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ATP401
No. A2167-3/7
ID -- VDS
ID -- VGS(off)
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
VDS=10V
IT17002
IT17003
05
3
0
0
200
100
140
180
20
60
120
160
40
80
2.0
0.2
1.4
1.2
1.0
0.6
0.8
0.4
1.8
1.6
0
200
160
120
2
14
80
40
20
180
140
100
60
VGS=3V
25°
C
Tc=25
°C
RDS(on) -- VGS
RDS(on) -- Tc
IS -- VSD
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Forward Drain to Source Voltage, VSD -- V
| yfs | -- I
D
Ciss, Coss, Crss -- VDS
030
510
15
20
25
IT17008
IT17007
0
0.4
0.2
0.6
0.8
1.0
1.2
1.4
0.01
0.1
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
5
3
2
IT17006
f=1MHz
Coss
Crss
0
1.0
2
23
5
23
57
10
35 7
100
7
VGS=0V
Single pulse
IT17004
03
0
2
10
10
46
58
79
8
4
6
Ciss
Tc=
--25
°C
75°
C
25
°C
1.0
7
5
3
2
10
7
5
3
2
3
2
100
1.0
10
100
100
10K
1K
7
5
7
5
3
2
5
3
2
VDS=10V
IT17005
--50
--25
0
25
50
75
100
125
150
0
10
2
8
6
4
VGS
=4.5V
, ID
=50A
VGS
=10V
, ID
=50A
ID=50A
Single pulse
Tc= --25°C
25°C
75°C
Single pulse
Qg -- VGS
Total Gate Charge, Qg -- nC
IT17009
0
0
2
4
6
8
300
50
100
150
250
200
10
1
3
5
7
9
VDS=36V
ID=100A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com