Electronic Components Datasheet Search
  English  ▼

X  

ATP401 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ATP401
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP401 Datasheet(HTML) 4 Page - ON Semiconductor

  ATP401 Datasheet HTML 1Page - ON Semiconductor ATP401 Datasheet HTML 2Page - ON Semiconductor ATP401 Datasheet HTML 3Page - ON Semiconductor ATP401 Datasheet HTML 4Page - ON Semiconductor ATP401 Datasheet HTML 5Page - ON Semiconductor ATP401 Datasheet HTML 6Page - ON Semiconductor ATP401 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ATP401
No. A2167-4/7
Drain-to-Source Voltage, VDS -- V
Case Temperature, Tc --
°C
Ambient Temperature, Ta --
°C
A S O
2
3
2
3
5
5
7
0.1
2
2
3
5
7
1.0
2
23
5 7
2
3
5 7
0.1
1.0
35 7 10
100
0
0
25
50
75
100
125
150
100
80
60
20
40
120
175
EAS -- Ta
3
5
7
7
10
100
1000
0
PD -- Tc
0
0
20
40
60
10
20
50
90
80
70
60
30
40
80
100
120
100
140
160
IDP=400A(PW≤10μs)
ID=100A
Operation in this area
is limited by RDS(on).
10
μs
100
μs
1ms
10ms
DC
operation
100ms
Tc=25
°C
Single pulse
IT17013
IT17012
IT17011
S/W Time -- ID
Drain Current, ID -- A
IT17010
100
1000
10
3
2
5
7
3
2
5
7
0.1
10
100
VDD=36V
VGS=10V
td(off)
tf
td(on)
tr
23
5 7
1
23
5 7
23
5 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com