Electronic Components Datasheet Search
  English  ▼

X  

EMH2407 Datasheet(PDF) 2 Page - ON Semiconductor

Part # EMH2407
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMH2407 Datasheet(HTML) 2 Page - ON Semiconductor

  EMH2407 Datasheet HTML 1Page - ON Semiconductor EMH2407 Datasheet HTML 2Page - ON Semiconductor EMH2407 Datasheet HTML 3Page - ON Semiconductor EMH2407 Datasheet HTML 4Page - ON Semiconductor EMH2407 Datasheet HTML 5Page - ON Semiconductor EMH2407 Datasheet HTML 6Page - ON Semiconductor EMH2407 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
20
V
Zero-Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0V
1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
0.5
1.3
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=3A
3
5
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=3A, VGS=4.5V
13
19
25
mΩ
RDS(on)2
ID=3A, VGS=4V
14
20
26
mΩ
RDS(on)3
ID=1.5A, VGS=2.5V
16
28
39
mΩ
Input Capacitance
Ciss
VDS=10V, f=1MHz
580
pF
Output Capacitance
Coss
95
pF
Reverse Transfer Capacitance
Crss
75
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
310
ns
Rise Time
tr
1020
ns
Turn-OFF Delay Time
td(off)
3000
ns
Fall Time
tf
2250
ns
Total Gate Charge
Qg
VDS=10V, VGS=4.5V, ID=6A
6.3
nC
Gate-to-Source Charge
Qgs
0.83
nC
Gate-to-Drain “Miller” Charge
Qgd
1.9
nC
Diode Forward Voltage
VSD
IS=6A, VGS=0V
0.78
1.2
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
EMH2407-TL-H
EMH8
3,000pcs./reel
Pb Free and Halogen Free
D.C.
≤1%
PW=10μs
P.G
50Ω
G
S
D
ID=3A
RL=3.33Ω
VDD=10V
VOUT
EMH2407
VIN
4.5V
0V
VIN
Rg=2kΩ
Rg
EMH2407
No. A1141-2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com