Electronic Components Datasheet Search
  English  ▼

X  

EMH2407 Datasheet(PDF) 4 Page - ON Semiconductor

Part # EMH2407
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMH2407 Datasheet(HTML) 4 Page - ON Semiconductor

  EMH2407 Datasheet HTML 1Page - ON Semiconductor EMH2407 Datasheet HTML 2Page - ON Semiconductor EMH2407 Datasheet HTML 3Page - ON Semiconductor EMH2407 Datasheet HTML 4Page - ON Semiconductor EMH2407 Datasheet HTML 5Page - ON Semiconductor EMH2407 Datasheet HTML 6Page - ON Semiconductor EMH2407 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EMH2407
No. A1141-4/7
Total Gate Charge, Qg -- nC
VGS -- Qg
01234567
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.5
4.0
IT13209
IT13210
VDS=10V
ID=6A
Drain-to-Source Voltage, VDS -- V
2
3
5
7
2
0.1
3
5
7
2
1.0
3
2
3
5
5
7
7
10
100
0.01
0.1
0.01
57
23
2
1.0
57
32
10
57
33
2
IDP=40A
ID=6A
Operation in this
area is limited by RDS(on).
PW
≤10μs
DC
operation
(T
a=25
°C
)
100
μs
1ms
10ms
100ms
A S O
Ta=25
°C
Single pulse
When mounted on ceramic substrate (900mm2
✕0.8mm) 1unit
IT13211
0
0
20
40
0.4
0.6
60
80
100
120
140
160
Ambient Temperature, Ta --
°C
PD -- Ta
1.0
1.4
1.3
0.2
0.8
1.2
1.6
When mounted on ceramic substrate (900mm2
✕0.8mm)
Total
dissipation
1unit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com