Electronic Components Datasheet Search
  English  ▼

X  

EMH2407 Datasheet(PDF) 3 Page - ON Semiconductor

Part # EMH2407
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMH2407 Datasheet(HTML) 3 Page - ON Semiconductor

  EMH2407 Datasheet HTML 1Page - ON Semiconductor EMH2407 Datasheet HTML 2Page - ON Semiconductor EMH2407 Datasheet HTML 3Page - ON Semiconductor EMH2407 Datasheet HTML 4Page - ON Semiconductor EMH2407 Datasheet HTML 5Page - ON Semiconductor EMH2407 Datasheet HTML 6Page - ON Semiconductor EMH2407 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EMH2407
No. A1141-3/7
Drain-to-Source Voltage, VDS -- V
ID -- VDS
Gate-to-Source Voltage, VGS -- V
ID -- VGS
0
2
4
1
3
5
6
0
0
IT13201
IT13202
0.1
0.4
0.2
0.6
0.5
0.3
0.8
0.7
0.9
1.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1
4
2
5
3
6
7
VDS=10V
VGS=1.5V
1.8V
2.0V
--60
--40
--20
0
20
40
60
80
100
120
140
160
0
10
30
20
50
60
40
V GS
=2.5V
, I D
=1.5A
VGS
=4.5V
, ID
=3.0A
VGS
=4.0V
, ID
=3.0A
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
Drain Current, ID -- A
SW Time -- ID
Ciss, Coss, Crss -- VDS
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
IS -- VSD
Drain-to-Source Voltage, VDS -- V
3
2
100
5
7
5
3
2
1000
7
0
IT13203
0.2
0.4
0.6
1.2
1.0
0.8
15
6
4
3
27
8
0
10
20
30
50
40
60
Ta=25
°C
IT13204
IT13205
IT13206
048
12
16
2
6
10
14
18
20
0.01
0.1
7
5
3
2
2
1.0
7
5
3
2
IT13208
0.1
2
2
1.0
7
5
3
10
7
5
3
0.1
2
0.01
57
23
1.0
2
57
3
Ta=
--25
°C
75°
C
25
°C
VDS=10V
VGS=0V
Ciss
Coss
Crss
f=1MHz
10
57
3
10
7
5
3
1000
7
5
3
2
7
5
3
2
0.1
2
1.0
35
7
IT13207
VDD=10V
VGS=4.5V
td(off)
tr
tf
10
23
5
7
td(on)
ID=1.5A
3A
| yfs | -- I
D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com