Electronic Components Datasheet Search
  English  ▼

X  

TF256TH Datasheet(PDF) 2 Page - ON Semiconductor

Part # TF256TH
Description  N-Channel JFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TF256TH Datasheet(HTML) 2 Page - ON Semiconductor

  TF256TH Datasheet HTML 1Page - ON Semiconductor TF256TH Datasheet HTML 2Page - ON Semiconductor TF256TH Datasheet HTML 3Page - ON Semiconductor TF256TH Datasheet HTML 4Page - ON Semiconductor TF256TH Datasheet HTML 5Page - ON Semiconductor TF256TH Datasheet HTML 6Page - ON Semiconductor TF256TH Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TF256TH
No. A1617-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Rank
min
typ
max
Gate-to-Drain Breakdown Voltage
V(BR)GDO
IG=--100μA
--20
V
Cutoff Voltage
VGS(off)
VDS=2V, ID=1μA
--0.1
--0.35
--1.0
V
Drain Current
IDSS*VDS=2V, VGS=0V
3
100
180
μA
4
140
280
5
240
450
Forward Transfer Admittance
| yfs |
VDS=2V, VGS=0V, f=1kHz
0.75
1.7
mS
Input Capacitance
Ciss
VDS=2V, VGS=0V, f=1MHz
3.1
pF
Reverse Transfer Capacitance
Crss
1.0
pF
[Ta=25°C, VCC=2.0V, RL=2.2kΩ, Cin=5pF, See specified Test Circuit.]
Voltage Gain
GV
VIN=10mV, f=1kHz
3
1.0
dB
4
2.0
5
3.0
Reduced Voltage Characteristic
ΔG
VV
VIN=10mV, f=1kHz, VCC=2.0V → 1.5V
3
--0.5
--1.0
dB
4
--0.6
--1.3
5
--0.9
--2.0
Frequency Characteristic
ΔGvf
f=1kHz to 110Hz
--1.0
dB
Total Harmonic Distortion
THD
VIN=30mV, f=1kHz
3
1.4
%
4
0.9
5
0.35
Output Noise Voltage
VNO
VIN=0V, A curve
--105
--100
dB
* : The TF256TH is classified by IDSS as follows : (unit : μA)
Rank
3
4
5
IDSS
100 to 180
140 to 280
240 to 450
Test Circuit
Ordering Information
Device
Package
Shipping
memo
TF256TH-3-TL-H
VTFP
8,000pcs./reel
Pb Free and Halogen Free
TF256TH-4-TL-H
VTFP
8,000pcs./reel
TF256TH-5-TL-H
VTFP
8,000pcs./reel
OSC
5pF
+
33μF
2.2kΩ
VCC=2.0V
VCC=1.5V
V
VTVM
THD
Voltage gain
Frequency Characteristic
Distortion
Reduced Voltage Characteristic



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com