Electronic Components Datasheet Search
  English  ▼

X  

TF256TH Datasheet(PDF) 4 Page - ON Semiconductor

Part # TF256TH
Description  N-Channel JFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TF256TH Datasheet(HTML) 4 Page - ON Semiconductor

  TF256TH Datasheet HTML 1Page - ON Semiconductor TF256TH Datasheet HTML 2Page - ON Semiconductor TF256TH Datasheet HTML 3Page - ON Semiconductor TF256TH Datasheet HTML 4Page - ON Semiconductor TF256TH Datasheet HTML 5Page - ON Semiconductor TF256TH Datasheet HTML 6Page - ON Semiconductor TF256TH Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TF256TH
No. A1617-4/7
GV -- Cin
Electret Capacitance, Cin -- pF
GV -- VCC
Supply Voltage, VCC -- V
01234
6
5
--3
--2
--1
2
0
1
4
6
3
5
7
IT16275
IT16276
GV : VIN=10mV
f=1kHz
RL=2.2kΩ
Cin=5pF
IDSS
=450μ
A
300μ
A
150μ
A
02468
16
12
14
10
--10
--8
--6
0
--4
--2
4
8
2
6
10
GV : VCC=2V
VIN=10mV
f=1kHz
RL=2.2kΩ
IDSS
=450μ
A
300μA
150μA
100μA
100μ
A
THD -- IDSS
Drain Current, IDSS -- μA
THD -- VIN
Input Voltage, VIN -- mV
ΔG
VV -- IDSS
Drain Current, IDSS -- μA
0
IT16279
0.4
0.6
0.8
1.2
1.4
1.6
1.8
0.2
1.0
2.4
2.0
2.2
THD : VCC=2V
VIN=30mV
f=1kHz
RL=2.2kΩ
Cin=5pF
IDSS : VDS=2V
10
100
1.0
7
5
3
2
7
5
3
2
7
5
3
2
0.1
0
50
100
150
200
IT16278
--1.6
--1.4
--1.2
--1.0
--0.8
--0.4
--0.6
--0.2
0
ΔGVV : VCC=2V→1.5V
VIN=10mV
f=1kHz
RL=2.2kΩ
Cin=5pF
IDSS : VDS=2V
THD : VCC=2V
f=1kHz
RL=2.2kΩ
Cin=5pF
50
100
200
300
400
500
150
250
350
450
50
100
200
300
400
500
150
250
350
450
IT16277
IDSS
=100μ
A
300μ
A
450μ
A
150μ
A
PD -- Ta
Ambient Temperature, Ta --
°C
80
100
120
40
20
60
0
0
160
140
120
100
80
60
40
20
IT15227



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com