Electronic Components Datasheet Search
  English  ▼

X  

TF256TH Datasheet(PDF) 3 Page - ON Semiconductor

Part # TF256TH
Description  N-Channel JFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TF256TH Datasheet(HTML) 3 Page - ON Semiconductor

  TF256TH Datasheet HTML 1Page - ON Semiconductor TF256TH Datasheet HTML 2Page - ON Semiconductor TF256TH Datasheet HTML 3Page - ON Semiconductor TF256TH Datasheet HTML 4Page - ON Semiconductor TF256TH Datasheet HTML 5Page - ON Semiconductor TF256TH Datasheet HTML 6Page - ON Semiconductor TF256TH Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TF256TH
No. A1617-3/7
ID -- VDS
Drain-to-Source Voltage, VDS -- V
ID -- VGS
Gate-to-Source Voltage, VGS -- V
0
0.5
4.0
4.5
5.0
1.0
1.5
2.0
2.5
3.0
3.5
400
300
350
200
250
100
50
150
0
IT15213
--0.10V
--0.05V
--0.15V
--0.20V
--0.25V
--0.30V
VGS=0V
450
350
250
50
150
--0.50
--0.40
--0.30
--0.20
--0.10
0
--0.45
--0.35
--0.25
--0.15
--0.05
500
400
300
200
100
0
IT16271
VDS=2V
150
μA
100
μA
VGS(off) -- IDSS
| yfs | -- I
DSS
Ciss -- VDS
Crss -- VDS
Drain Current, IDSS -- μA
Drain Current, IDSS -- μA
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VGS
Gate-to-Source Voltage, VGS -- V
GV -- IDSS
Drain Current, IDSS -- μA
IT15218
10
7
5
3
2
1.0
1.0
10
23
5
7
35
7
2
VGS=0V
f=1MHz
1.0
7
5
3
3
2
1.0
10
23
5
7
35
7
2
IT15219
VGS=0V
f=1MHz
VDS=2V
--25
°C
450
350
250
50
150
--0.50
--0.40
--0.30
--0.20
--0.10
0
--0.45
--0.35
--0.25
--0.15
--0.05
400
300
200
100
0
IT15215
0
0.20
0.15
0.10
0.05
0.25
0.30
0.35
0.40
0.45
0.50
VDS=2V
ID=1μA
0
0.5
1.0
1.5
2.0
2.5
50
200
300
400
500
100
150
250
350
450
IT16272
50
100
200
300
400
500
150
250
350
450
--0.5
2.0
3.0
2.5
1.0
0
0.5
1.5
3.5
50
100
200
300
400
500
150
250
350
450
IT16273
VDS=2V
VGS=0V
f=1kHz
IT16274
GV : VCC=2V
VIN=10mV
f=1kHz
RL=2.2kΩ
Cin=5pF
IDSS : VDS=2V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com