| Electronic Components Datasheet Search |
|
CDB4328 Datasheet(PDF) 16 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CDB4328 Datasheet(HTML) 16 Page - Cirrus Logic |
|
16 / 31 page ![]() PIN DESCRIPTIONS Power Supply Connections VA+ - Positive Analog Power, PIN 3. Positive analog supply. Nominally +5 volts. VA- - Negative Analog Power, PIN 5. Negative analog supply. Nominally -5 volts. AGND1, AGND2, AGND3 - Analog Grounds, PINS 1, 4, 25. Analog ground reference. VD+ - Positive Digital Power, PIN 16. Positive supply for the digital section. Nominally +5 volts. DGND - Digital Ground, PIN 17. Digital ground for the digital section. Analog Outputs VREF- - Voltage Reference Output, PIN 28. Nominally -3.68 volts. Normally connected to a 0.1 µF ceramic capacitor in parallel with a 10 µF or larger electrolytic capacitor. Note the negative output polarity. AOUTL - Analog Left Channel Output, PIN 2. Analog output for the left channel. Typically 4V peak-to-peak for a full-scale input signal. AOUTR - Analog Right Channel Output, PIN 26. Analog output for the right channel. Typically 4V peak-to-peak for a full-scale input signal. ANALOG GROUND AGND1 VREF- VOLTAGE REFERENCE OUTPUT ANALOG LEFT CHANNEL OUTPUT AOUTL CALI CALIBRATION INPUT ANALOG POWER VA+ AOUTR ANALOG RIGHT CHANNEL OUTPUT ANALOG GROUND AGND2 AGND3 ANALOG GROUND NEGATIVE ANALOG POWER VA- ACKI ANALOG CLOCK INPUT COMPARATOR OUTPUT CMPO NC NO CONNECT NO CONNECT NC ACKO ANALOG CLOCK OUTPUT COMPARATOR INPUT CMPI CALO CALIBRATION OUTPUT RESET RST LRCK LEFT/RIGHT CLOCK INPUT TEST TST BICK SERIAL BIT CLOCK INPUT CLOCK SELECT CKS SDATAI SERIAL DATA INPUT DIGITAL INPUT FORMAT 1 DIF1 DGND DIGITAL GROUND DIGITAL INPUT FORMAT 0 DIF0 VD+ DIGITAL POWER CRYSTAL OR CLOCK INPUT XTI XTO CRYSTAL OSCILLATOR OUTPUT 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 CS4328 16 DS62F3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |