Electronic Components Datasheet Search
  English  ▼

X  

CDB4328 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CDB4328
Description  18-Bit, Stereo D/A Converter for Digital Audio
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4328 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CDB4328 Datasheet HTML 15Page - Cirrus Logic CDB4328 Datasheet HTML 16Page - Cirrus Logic CDB4328 Datasheet HTML 17Page - Cirrus Logic CDB4328 Datasheet HTML 18Page - Cirrus Logic CDB4328 Datasheet HTML 19Page - Cirrus Logic CDB4328 Datasheet HTML 20Page - Cirrus Logic CDB4328 Datasheet HTML 21Page - Cirrus Logic CDB4328 Datasheet HTML 22Page - Cirrus Logic CDB4328 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
PARAMETER DEFINITIONS
Total Harmonic Distortion + Noise - The ratio of the rms value of the signal to the rms sum of all
other spectral components over the specified bandwidth (typically 10 Hz to 20 kHz), including
distortion components. Expressed in decibels.
Signal-to-Noise Ratio - The ratio of the full scale rms value of the signal to the rms sum of all other
spectral components over the specified bandwidth with an input of all zeros.
Frequency Response - A measure of the amplitude response variation from 10 Hz to 20 kHz relative
to the amplitude response at 1 kHz. Units in decibels.
Interchannel Isolation - A measure of crosstalk between the left and right channels. Measured for
each channel at the converter’s output with all zeros to the input under test and a full-scale
signal applied to the other channel. Units in decibels.
Interchannel Gain Mismatch - The gain difference between left and right channels. Units in decibels.
Gain Error - The deviation from the nominal full scale analog output for a full scale digital input.
Gain Drift - The change in gain value with temperature. Units in ppm/
°C.
Offset Error - The deviation of the mid-scale transition (111...111 to 000...000) from the ideal
(AGND). Units in mV.
CS4328
DS62F3
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com