Electronic Components Datasheet Search
  English  ▼

X  

CDB4328 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CDB4328
Description  18-Bit, Stereo D/A Converter for Digital Audio
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4328 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CDB4328 Datasheet HTML 14Page - Cirrus Logic CDB4328 Datasheet HTML 15Page - Cirrus Logic CDB4328 Datasheet HTML 16Page - Cirrus Logic CDB4328 Datasheet HTML 17Page - Cirrus Logic CDB4328 Datasheet HTML 18Page - Cirrus Logic CDB4328 Datasheet HTML 19Page - Cirrus Logic CDB4328 Datasheet HTML 20Page - Cirrus Logic CDB4328 Datasheet HTML 21Page - Cirrus Logic CDB4328 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Digital Outputs
XTO - Crystal Oscillator Output, PIN 15.
When a crystal oscillator is used, it is tied between this pin and XTI. When an external clock is
input, this pin should be left floating.
ACKO - Analog Clock Output, PIN 22.
This output is 128
× the input word rate (LRCK frequency). Normally connected to the Analog
Clock Input pin, ACKI.
CALO - Calibration Output, PIN 21.
Used during offset calibration. Must be connected to the Calibration Input pin, CALI.
CMPO - Comparator Output, PIN 6.
Used during offset calibration. Must be connected to the Comparator Input pin, CMPI.
Miscellaneous
NC - No Connection, PINS 7, 23.
These two pins are bonded out to test outputs. They must not be connected to any external
component or any length of PC trace.
TST -Test Input, PIN 10.
Allows access to the CS4328 test modes, which are reserved for factory use. Must be tied to
DGND.
CS4328
18
DS62F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com