Electronic Components Datasheet Search
  English  ▼

X  

LM95213 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM95213
Description  2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95213 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM95213 Datasheet HTML 9Page - Texas Instruments LM95213 Datasheet HTML 10Page - Texas Instruments LM95213 Datasheet HTML 11Page - Texas Instruments LM95213 Datasheet HTML 12Page - Texas Instruments LM95213 Datasheet HTML 13Page - Texas Instruments LM95213 Datasheet HTML 14Page - Texas Instruments LM95213 Datasheet HTML 15Page - Texas Instruments LM95213 Datasheet HTML 16Page - Texas Instruments LM95213 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
0
50
100
150
200
SAMPLE NUMBER
LM95213 with
Filter On
LM95213 with
Filter Off
25
27
29
31
33
35
37
39
41
43
45
LM95213
www.ti.com
SNIS147A – MARCH 2007 – REVISED MARCH 2013
Figure 7 describes the filter output in response to a step input and an impulse input.
a) Seventeen and fifty degree step
b) Impulse response with input
c) Impulse response with input
response
transients less than 4°C
transients great than 4°C
Figure 7. Filter Impulse and Step Response Curves
Figure 8. Digital Filter Response in a typical processor system. The filter curves were purposely offset
for clarity.
Figure 8 shows the filter in use in a typical processor system. Note that the two curves have been purposely
offset for clarity. Inserting the filter does not induce an offset as shown.
TEMPERATURE DATA FORMAT
Temperature data can only be read from the Local and Remote Temperature value registers. The data format for
all temperature values is left justified 16-bit word available in two 8-bit registers. Unused bits will always report
"0". All temperature data is clamped and will not roll over when a temperature exceeds full-scale value.
Remote temperature data for all channels can be represented by an 11-bit, two's complement word or unsigned
binary word with an LSb (Least Significant Bit) equal to 0.125°C.
Table 2. 11-bit, 2's complement (10-bit plus sign)
Temperature
Digital Output
Binary
Hex
+125°C
0111 1101 0000 0000
7D00h
+25°C
0001 1001 0000 0000
1900h
+1°C
0000 0001 0000 0000
0100h
+0.125°C
0000 0000 0010 0000
0020h
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM95213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com