Electronic Components Datasheet Search
  English  ▼

X  

LM95213 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM95213
Description  2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95213 Datasheet(HTML) 3 Page - Texas Instruments

  LM95213 Datasheet HTML 1Page - Texas Instruments LM95213 Datasheet HTML 2Page - Texas Instruments LM95213 Datasheet HTML 3Page - Texas Instruments LM95213 Datasheet HTML 4Page - Texas Instruments LM95213 Datasheet HTML 5Page - Texas Instruments LM95213 Datasheet HTML 6Page - Texas Instruments LM95213 Datasheet HTML 7Page - Texas Instruments LM95213 Datasheet HTML 8Page - Texas Instruments LM95213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
LM95213
www.ti.com
SNIS147A – MARCH 2007 – REVISED MARCH 2013
PIN DESCRIPTIONS
Label
Pin #
Function
Typical Connection
NC
1
No Connect
Not connected. May be left floating, connected to GND or VDD.
VDD
2
Positive Supply Voltage Input
DC Voltage from 3.0 V to 3.6 V. VDD should be bypassed with
a 0.1µF capacitor in parallel with 100pF. The 100pF capacitor
should be placed as close as possible to the power supply pin.
Noise should be kept below 200 mVp-p, a 10 µF capacitor may
be required to achieve this.
NC
3
No Connect
Not connected. May be left floating, connected to GND or VDD.
NC
4
No Connect
Not connected. May be left floating, connected to GND or VDD.
D
−
5
Diode Return Current Sink
To all Diode Cathodes. Common D- pin for all two remote
diodes.
D2+
6
Diode Current Source
To second Diode Anode. Connected to remote discrete diode-
connected transistor junction or to the diode-connected
transistor junction on a remote IC whose die temperature is
being sensed. A capacitor is not required between D2+ and D-.
A 100 pF capacitor between D2+ and D- can be added and
may improve perfomance in noisy systems. Float this pin if this
thermal diode is not used.
D1+
7
Diode Current Source
To first Diode Anode. Connected to remote discrete diode-
connected transistor junction or to the diode-connected
transistor junction on a remote IC whose die temperature is
being sensed. A capacitor is not required between D1+ and D-.
A 100 pF capacitor between D1+ and D- can be added and
may improve perfomance in noisy systems. Float this pin if this
thermal diode is not used.
GND
8
Power Supply Ground
System low noise ground.
A0
9
Dgital Input
SMBus slave address select pin. Selects one of three
addresses. Can be tied to VDD, GND, or to the middle of a
resistor divider connected between VDD and GND.
TCRIT1
10
Digital Output, Open-Drain
Critical temperature output 1. Requires pull-up resistor. Active
"LOW".
TCRIT2
11
Digital Output, Open-Drain
Critical temperature output 2. Requires pull-up resistor. Active
"LOW".
SMBDAT
12
SMBus Bi-Directional Data Line, From and to Controller; may require an external pull-up resistor
Open-Drain Output
SMBCLK
13
SMBus Clock Input
From Controller; may require an external pull-up resistor
TCRIT3
14
Digital Output, Open-Drain
Critical temperature output 3. Requires pull-up resistor. Active
"LOW".
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM95213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com