Electronic Components Datasheet Search
  English  ▼

X  

LM95213 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM95213
Description  2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95213 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM95213 Datasheet HTML 17Page - Texas Instruments LM95213 Datasheet HTML 18Page - Texas Instruments LM95213 Datasheet HTML 19Page - Texas Instruments LM95213 Datasheet HTML 20Page - Texas Instruments LM95213 Datasheet HTML 21Page - Texas Instruments LM95213 Datasheet HTML 22Page - Texas Instruments LM95213 Datasheet HTML 23Page - Texas Instruments LM95213 Datasheet HTML 24Page - Texas Instruments LM95213 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
D7
D6
D5
D4
D3
D2
D1
D0
1
9
1
9
Ack
by
LM95213
Start by
Master
Repeat
Start by
Master
R/W
Frame 1
Serial Bus Address Byte
Frame 2
Command Byte
Ack
by
LM95213
D7
D6
D5
D4
D3
D2
D1
D0
1
9
1
9
Ack
by
LM95213
R/W
Frame 3
Serial Bus Address Byte
Frame 4
Data Byte from the LM95213
No Ack
by
Master
Stop
by
Master
SMBCLK
SMBDAT
SMBCLK
(Continued)
SMBDAT
(Continued)
A5
A3
A2
A0
A6
A4
A1
A5
A3
A2
A0
A6
A4
A1
LM95213
www.ti.com
SNIS147A – MARCH 2007 – REVISED MARCH 2013
Figure 15. Serial Bus Write followed by a Repeat Start and Immediate Read
SERIAL INTERFACE RESET
In the event that the SMBus Master is RESET while the LM95213 is transmitting on the SMBDAT line, the
LM95213 must be returned to a known state in the communication protocol. This may be done in one of two
ways:
1. When SMBDAT is LOW, the LM95213 SMBus state machine resets to the SMBus idle state if either
SMBDAT or SMBCLK are held low for more than 35ms (tTIMEOUT). Note that according to SMBus
specification 2.0 all devices are to timeout when either the SMBCLK or SMBDAT lines are held low for 25-
35ms. Therefore, to insure a timeout of all devices on the bus the SMBCLK or SMBDAT lines must be held
low for at least 35ms.
2. When SMBDAT is HIGH, have the master initiate an SMBus start. The LM95213 will respond properly to an
SMBus start condition at any point during the communication. After the start the LM95213 will expect an
SMBus Address address byte.
ONE-SHOT CONVERSION
The One-Shot register is used to initiate a round of conversions and comparisons when the device is in standby
mode, after which the device returns to standby. This is not a data register and it is the write operation that
causes the one-shot conversion. The data written to this address is irrelevant and is not stored. A zero will
always be read from this register. All the channels that are enabled in the Channel Enable Register will be
converted once and the TCRIT1, TCRIT2 and TCRIT3 pins will reflect the comparison results based on this
round of conversion results of the channels that are not masked.
LM95213 Registers
Command register selects which registers will be read from or written to. Data for this register should be
transmitted during the Command Byte of the SMBus write communication.
P7
P6
P5
P4
P3
P2
P1
P0
Command Byte
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM95213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com