Electronic Components Datasheet Search
  English  ▼

X  

LM95233 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM95233
Description  Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95233 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM95233 Datasheet HTML 5Page - Texas Instruments LM95233 Datasheet HTML 6Page - Texas Instruments LM95233 Datasheet HTML 7Page - Texas Instruments LM95233 Datasheet HTML 8Page - Texas Instruments LM95233 Datasheet HTML 9Page - Texas Instruments LM95233 Datasheet HTML 10Page - Texas Instruments LM95233 Datasheet HTML 11Page - Texas Instruments LM95233 Datasheet HTML 12Page - Texas Instruments LM95233 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
0.01
0.1
1
10
CONVERSION TIME (sec)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VDD = +3.3V
TA = 25°C
LM95233
www.ti.com
SNIS145E – AUGUST 2006 – REVISED MARCH 2013
Typical Performance Characteristics
Thermal Diode Capacitor or PCB
Conversion Rate Effect on
Leakage Current Effect on
Average Power Supply Current
Remote Diode Temperature Reading
Figure 5.
Figure 6.
Remote Temperature Reading Sensitivity to
Remote Temperature Reading Sensitivity to
Thermal Diode Filter Capacitance,
Thermal Diode Filter Capacitance,
TruTherm Disabled
TruTherm Enabled
Figure 7.
Figure 8.
Intel Processor on 65 nm Process or 90 nm Process
Thermal Diode Performance Comparison
Figure 9.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM95233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com