Electronic Components Datasheet Search
  English  ▼

X  

LM95233 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LM95233
Description  Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95233 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM95233 Datasheet HTML 23Page - Texas Instruments LM95233 Datasheet HTML 24Page - Texas Instruments LM95233 Datasheet HTML 25Page - Texas Instruments LM95233 Datasheet HTML 26Page - Texas Instruments LM95233 Datasheet HTML 27Page - Texas Instruments LM95233 Datasheet HTML 28Page - Texas Instruments LM95233 Datasheet HTML 29Page - Texas Instruments LM95233 Datasheet HTML 30Page - Texas Instruments LM95233 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
LM95233
www.ti.com
SNIS145E – AUGUST 2006 – REVISED MARCH 2013
Bit(s)
Bit Name
Read/
Description
Write
7–0
-
WO
Writing to this register activates one conversion for all the enabled channels if
the chip is in standby mode (i.e. standby bit = 1). The actual data written does
not matter and is not stored.
STATUS REGISTERS
Common Status Register
Register Name
Command Read/
D7
D6
D5
D4
D3
D2
D1
D0
POR
Byte
Write
Default
(Hex)
(Hex)
Common Status Register
0x02
RO
BUSY
NR
–
–
SR4F
SR3F
SR2F
SR1F
0x00
Bit(s)
Bit Name
Read/
Description
Write
7
BUSY
RO
Busy bit (device converting)
6
NR
RO
Not Ready bit (30 ms), indicates power up initialization sequence is in progress
5–4
–
RO
Reserved – will report "0" when read.
3
SR4F
RO
Status Register 4 Flag:
1 – indicates that Status Register 4 has at least one bit set
0 – indicates that all of Status Register 4 bits are cleared
2
SR3F
RO
Status Register 3 Flag:
1 – indicates that Status Register 3 has at least one bit set
0 – indicates that all of Status Register 3 bits are cleared
1
SR2F
RO
Status Register 2 Flag:
1 – indicates that Status Register 2 has at least one bit set
0 – indicates that all of Status Register 2 bits are cleared
0
SR1F
RO
Status Register 1 Flag:
1 – indicates that Status Register 1 has at least one bit set
0 – indicates that all of Status Register 1 bits are cleared
Status 1 Register (Diode Fault)
Status fault bits for open or shorted diode (i.e. Short Fault: D+ shorted to Ground or D-; Open Fault: D+ shorted
to VDD, or floating). During fault conditions the temperature reading is 0 °C if unsigned value registers are read or
–128.000 °C if signed value registers are read.
Register Name
Command Read/
D7
D6
D5
D4
D3
D2
D1
D0
POR
Byte
Write
Default
(Hex)
(Hex)
Status 1 (Diode Fault)
0x07
RO
0
0
0
0
R2DO
R2DS
R1DO
R1DS
–
Bit(s)
Bit Name
Read/
Description
Write
7-4
–
RO
Reserved – will report "0" when read.
3
R2DO
RO
Remote 2 diode open fault status:
1 – indicates that remote 2 diode has an "open" fault
0 – indicates that remote 2 diode does not have an "open" fault
2
R2DS
RO
Remote 2 diode short fault status:
1 – indicates that remote 2 diode has a "short" fault
0 – indicates that remote 2 diode does not have a "short" fault
1
R1DO
RO
Remote 1 diode open fault status:
1 – indicates that remote 1 diode has an "open" fault
0 – indicates that remote 1 diode does not have an "open" fault
0
R1DS
RO
Remote 1 diode short fault status:
1 – indicates that remote 1 diode has a "short" fault
0 – indicates that remote 1 diode does not have a "short" fault
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM95233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com