Electronic Components Datasheet Search
  English  ▼

X  

LM95233 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM95233
Description  Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95233 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM95233 Datasheet HTML 26Page - Texas Instruments LM95233 Datasheet HTML 27Page - Texas Instruments LM95233 Datasheet HTML 28Page - Texas Instruments LM95233 Datasheet HTML 29Page - Texas Instruments LM95233 Datasheet HTML 30Page - Texas Instruments LM95233 Datasheet HTML 31Page - Texas Instruments LM95233 Datasheet HTML 32Page - Texas Instruments LM95233 Datasheet HTML 33Page - Texas Instruments LM95233 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
LM95233
SNIS145E – AUGUST 2006 – REVISED MARCH 2013
www.ti.com
TCRIT1 Mask Register
The mask bits in this register allow control over which error events propagate to the TCRIT1 pin.
Register Name
Command Read/
D7
D6
D5
D4
D3
D2
D1
D0
POR
Byte
Write
Default
(Hex)
(Hex)
TCRIT1 Mask
0x0C
R/W
–
–
–
–
–
R2T1
R1T1
LTM
0x01
M
M
Bit(s)
Bit Name
Read/
Description
Write
7-3
–
RO
Reserved – will report "0" when read.
2
R2T1M
R/W
Remote 2 Tcrit-1 Mask:
1 – prevents the remote 2 temperature error event from propagating to the TCRIT1 pin
0 – allows the remote 2 temperature error event to propagate to the TCRIT1 pin
1
R1T1M
R/W
Remote 1 Tcrit-1 Mask:
1 – prevents the remote 1 temperature error event from propagating to the TCRIT1 pin
0 – allows the remote 1 temperature error event to propagate to the TCRIT1 pin
0
LTM
R/W
Local Tcrit Mask:
1 – prevents the local temperature error event from propagating to the TCRIT1 pin
0 – allows the local temperature error event to propagate to the TCRIT1 pin
TCRIT2 Mask Registers
Register Name
Command Read/
D7
D6
D5
D4
D3
D2
D1
D0
POR
Byte
Write
Default
(Hex)
(Hex)
TCRIT2 Mask
0x0D
R/W
–
–
–
–
–
R2T2
R1T2
LTM
0x00
M
M
Bit(s)
Bit Name
Read/
Description
Write
7-3
–
RO
Reserved – will report "0" when read.
2
R2T2M
R/W
Remote 2 Tcrit-2 Mask:
1 – prevents the remote 2 temperature error event from propagating to the TCRIT2 pin
0 – allows the remote 2 temperature error event to propagate to the TCRIT2 pin
1
R1T2M
R/W
Remote 1 Tcrit-2 Mask:
1 – prevents the remote 1 temperature error event from propagating to the TCRIT2 pin
0 – allows the remote 1 temperature error event to propagate to the TCRIT2 pin
0
LTM
R/W
Local Tcrit Mask:
1 – prevents the local temperature error event from propagating to the TCRIT2 pin
0 – allows the local temperature error event to propagate to the TCRIT2 pin
TCRIT3 Mask Register
The mask bits in this register allow control over which error events propagate to the TCRIT3 pin.
Register Name
Command Read/
D7
D6
D5
D4
D3
D2
D1
D0
POR
Byte
Write
Default
(Hex)
(Hex)
TCRIT3 Mask
0x0E
R/W
–
–
–
–
–
R2T2
R1T2
LTM
0x07
M
M
Bit(s)
Bit Name
Read/
Description
Write
7-3
–
RO
Reserved – will report "0" when read.
2
R2T2M
R/W
Remote 2 Tcrit-2 Mask:
1 – prevents the remote 2 temperature error event from propagating to the TCRIT3 pin
0 – allows the remote 2 temperature error event to propagate to the TCRIT3 pin
30
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM95233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com